Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAW Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # KAW
Description  30W WIDE INPUT RANGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

KAW Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  KAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. KAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DANUBE
http://www.danube.com.tw
2013/06/27
3
 SELECTION GUIDE(2)
4:1 25W-30W OUTPUT
INPUT
9
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
10
CAPACITOR
LOAD
(Max)
KAWS-1205T
9-36
5
5000
2604
40
80
2700uF
KAWS-1209T
9-36
9
3333
3182
40
79
2200uF
KAWS-1212T
9-36
12
2500
3100
40
81
1800uF
KAWS-1215T
9-36
15
2000
3100
38
81
1500uF
KAWS-1224T
9-36
24
1250
3100
36
81
1000uF
KAWD-1205T
9-36
+/-5
+/-2500
2604
40
80
+/-1200uF
KAWD-1212T
9-36
+/-12
+/-1250
3125
40
80
+/-820uF
KAWD-1215T
9-36
+/-15
+/-1000
3125
38
80
+/-680uF
KAWT-12/0512T
9-36
+5,+/-12
3500,+/-310
2598
40
80
2700uF,+/-820uF
KAWT-12/0515T
9-36
+5,+/-15
3500,+/-250
2604
40
80
2700uF,+/-680uF
KAWS-2405T
18-72
5
5000
1302
20
80
2700uF
KAWS-2412T
18-72
12
2500
1550
18
81
1800uF
KAWS-2415T
18-72
15
2000
1550
18
81
1500uF
KAWS-2424T
18-72
24
1250
1550
16
81
1000uF
KAWS-2430T
18-72
30
1000
1550
18
81
820uF
KAWD-2405T
18-72
+/-5
+/-2500
1302
20
80
+/-1200uF
KAWD-2412T
18-72
+/-12
+/-1250
1550
18
81
+/-820uF
KAWD-2415T
18-72
+/-15
+/-1000
1550
18
81
+/-680uF
KAWT-24/0512T
18-72
+5,+/-12
3500,+/-310
1267
18
82
2700uF,+/-820uF
KAWT-24/0515T
18-72
+5,+/-15
3500,+/-250
1270
18
82
2700uF,+/-680uF
Note: Other input to output voltages may be available. Please contact factory.
9 NOMINAL INPUT VOLTAGE.
10 NOMINAL INPUT VOLTAGE,FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com