Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-SERIES Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # PR-SERIES
Description  1W REGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PR-SERIES Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  PR-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DANUBE
http://www.danube.com.tw
2009/06/04
4
TYPICAL PERFORMANCE CURVES
Specifications typical at TA=25 OC, nominal input voltage , rated output current unless otherwise specified.
DERATING CURVE
EFFICIENCY VS LOAD
0%
25%
50%
75%
100%
125%
-25
0
25
50
70
100
TA(degree C)
0.0
20.0
40.0
60.0
80.0
0
2040
6080
100
% OF RATED LOAD(%)
INPUT FUSE SELECTION GUIDE
4.5-5.5V
INPUT VOLTAGE(VDC)
10.8-13.2V
INPUT VOLTAGE(VDC)
21.6-26.4V
INPUT VOLTAGE(VDC)
500mA Slow-Blow Type
250mA Slow-Blow Type
100mA Slow-Blow Type
DC-DC
CONVERTER
+Vin
-Vin
+Vout
-Vout
OUTPUT
Fuse
INPUT
Note: Certain applications may require the installation of external fuse in front of the input.
PR SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the PR series.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 250KHz is required.
External output capacitance is not required for operation, however it is recommended that 10uF
tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
Additional output capacitance may be added for increased filtering, but should not exceed 100uF.
We Can Offer EMC-Filter According To EN55011/22 Class B.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground and
connecting –OUT as the negative output.
FOR MORE INFORMATION CALL:
Danube Enterprise Co., Ltd.
Tel: 886-7-3755165
Fax: 886-7-3755330
E-mail: danube@ms10.hinet.net
Home Page
http://www.danube.com.tw
SAFE
OPERATING
AREA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com