Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-SERIES Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # PR-SERIES
Description  1W REGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PR-SERIES Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  PR-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DANUBE
http://www.danube.com.tw
2009/06/04
3
MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
PIN
SINGLE
1
+Vin
2
-Vin
4
-Vout
5
NP
6
+Vout
NOTE:Pin Size is Tolerance 0.50Φ ±0.05mm
All Dimensions In mm(Inches)
Tolerance .X or .XX= ±0.5mm
2.54mm
26
TOP VIEW
14
SINGLE
OUTPUT
SIMPLIFIED SCHEMATIC
TYPICAL
APPLICATIONS
-Vin
+Vout
+Vin
OSCILLATOR
DRIVER
-Vout
REGULATOR
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com