Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-SERIES Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # PR-SERIES
Description  1W REGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PR-SERIES Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  PR-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PR-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DANUBE
http://www.danube.com.tw
2009/06/04
2
SELECTION GUIDE
1W OUTPUT
INPUT
7
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
8
ISOLATION
(VDC)
OUTPUT
POWER
(Watt)
PRS-0505C
4.5-5.5
5
200
333
40
60
1500
1
PRS-0509C
4.5-5.5
9
100
315
40
57
1500
0.9
PRS-0512C
4.5-5.5
12
84
333
32
60
1500
1
PRS-0515C
4.5-5.5
15
67
333
32
60
1500
1
PRS-1205C
10.8-13.2
5
200
126
15
66
1500
1
PRS-1209C
10.8-13.2
9
100
128
14
59
1500
0.9
PRS-1212C
10.8-13.2
12
84
138
38
60
1500
1
PRS-1215C
10.8-13.2
15
67
134
15
62
1500
1
PRS-2405C
21.6-26.4
5
200
67
15
62
1500
1
PRS-2409C
21.6-26.4
9
100
65
15
58
1500
0.9
PRS-2412C
21.6-26.4
12
84
69
15
60
1500
1
PRS-2415C
21.6-26.4
15
67
69
10
60
1500
1
PRS-2424C
21.6-26.4
24
42
68
15
61
1500
1
PRS-4805C
43.2-52.8
5
200
33
13
62
1500
1
PRS-4809C
43.2-52.8
9
100
33
10
56
1500
0.9
PRS-4812C
43.2-52.8
12
84
36
10
58
1500
1
PRS-4815C
43.2-52.8
15
67
36
13
58
1500
1
Note: Other input to output voltages may be available. Please contact factory.
7 NOMINAL INPUT VOLTAGE.
8 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com