Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP230GF Datasheet(PDF) 4 Page - 3M Electronics

Part # RP230GF
Description  3M™ VHB™ Tape RP230GF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RP230GF Datasheet(HTML) 4 Page - 3M Electronics

  RP230GF Datasheet HTML 1Page - 3M Electronics RP230GF Datasheet HTML 2Page - 3M Electronics RP230GF Datasheet HTML 3Page - 3M Electronics RP230GF Datasheet HTML 4Page - 3M Electronics RP230GF Datasheet HTML 5Page - 3M Electronics RP230GF Datasheet HTML 6Page - 3M Electronics RP230GF Datasheet HTML 7Page - 3M Electronics RP230GF Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Minimum Application Temperature
10 °C
Minimum Application Temperature
50 °F
Static Shear
1000 g
View
Test Method: ASTM D3654
Temp C: 23C
Temp F: 73F
Substrate: Stainless Steel
Notes: Tested at various temperatures and gram loadings. 0.5 in² (3.23 cm²). Will hold listed weight for 10,000 minutes (approximately 7 day).
Static Shear
500 g
View
Test Method: ASTM D3654
Temp C: 66C
Temp F: 150F
Substrate: Stainless Steel
Notes: Tested at various temperatures and gram loadings. 0.5 in² (3.23 cm²). Will hold listed weight for 10,000 minutes (approximately 7 day).
Static Shear
500 g
View
Test Method: ASTM D3654
Temp C: 93C
Temp F: 200F
Substrate: Stainless Steel
Notes: Tested at various temperatures and gram loadings. 0.5 in² (3.23 cm²). Will hold listed weight for 10,000 minutes (approximately 7 day).
Static Shear 121C Stainless Steel
500 g
View
Test Method: ASTM D3654
Temp C: 121C
Temp F: 250F
Substrate: Stainless Steel
Notes: Tested at various temperatures and gram loadings. 0.5 in² (3.23 cm²). Will hold listed weight for 10,000 minutes (approximately 7 day).
Note
The following technical information and data
should be considered representative or typical only
and should not be used for specification purposes.
All values derived from multiple samples represent
the average of those values.
Available Sizes
Property
Values
Additional Information
Standard Roll Length
32.9 m
Standard Roll Length
36 yd
EN - May, 2022
4/8
3M™ VHB™ Tape RP+110GF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com