Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP230GF Datasheet(PDF) 7 Page - 3M Electronics

Part # RP230GF
Description  3M™ VHB™ Tape RP230GF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RP230GF Datasheet(HTML) 7 Page - 3M Electronics

  RP230GF Datasheet HTML 1Page - 3M Electronics RP230GF Datasheet HTML 2Page - 3M Electronics RP230GF Datasheet HTML 3Page - 3M Electronics RP230GF Datasheet HTML 4Page - 3M Electronics RP230GF Datasheet HTML 5Page - 3M Electronics RP230GF Datasheet HTML 6Page - 3M Electronics RP230GF Datasheet HTML 7Page - 3M Electronics RP230GF Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Note: Initial tape application to surfaces at temperatures below these suggested minimums is not recommended because the adhesive becomes too firm to adhere readily.
However, once properly applied, low temperature holding is generally satisfactory. To obtain good performance with all 3M™ VHB™ Tapes, it is important to ensure that the
surfaces are dry and free of condensed moisture.
Time: After application, the bond strength will increase as the adhesive flows onto the surface (also referred to as “wet out”). At room temperature approximately 50% of
ultimate bond strength will be achieved after 20 minutes, 90% after 24 hours and 100% after 72 hours. This flow is faster at higher temperatures and slower at lower
temperatures. Ultimate bond strength can be achieved more quickly (and in some cases bond strength can be increased) by exposure of the bond to elevated temperatures
(e.g. 150°F [66°C] for 1 hour). This can provide better adhesive wetout onto the substrates. Abrasion of the surfaces or the use of primers/ adhesion promoters can also have
the effect of increasing bond strength and achieving ultimate bond strength more quickly.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/p/d/b5005359000/
Family Group
Link Tags:
RP+ 040GF
RP+ 060GF
RP+ 080GF
RP+ 110GF
RP+ 160GF
RP+ 230GF
Products
Adhesive Type
Foam Type
Liner
Liner Thickness
Color
Liner Color
Total Tape
Thickness (mm)
RP+ 230GF
Multi-Purpose
Acrylic
Conformable
Acrylic
PE Film
0.13 mm
Gray
Red (printed)
2.3 mm
RP+ 040GF
Multi-Purpose
Acrylic
Conformable
Acrylic
PE Film
0.13 mm
Gray
Red (printed)
0.4 mm
RP+ 060GF
Multi-Purpose
Acrylic
Conformable
Acrylic
PE Film
0.13 mm
Gray
Red (printed)
0.6 mm
RP+ 080GF
Multi-Purpose
Acrylic
Conformable
Acrylic
PE Film
0.13 mm
Gray
Red (printed)
0.8 mm
RP+ 110GF
Multi-Purpose
Acrylic
Conformable
Acrylic
PE Film
0.13 mm
Gray
Red (printed)
1.1 mm
RP+ 160GF
Multi-Purpose
Acrylic
Conformable
Acrylic
PE Film
0.13 mm
Gray
Red (printed)
1.6 mm
ISO Statement
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
Information
The technical information, guidance, and other statements contained in this document or otherwise provided by 3M are based upon records, tests,
or experience that 3M believes to be reliable, but the accuracy, completeness, and representative nature of such information is not guaranteed. Such information is
intended for people with knowledge and technical skills sufficient to assess and apply their own informed judgment to the information. No license under any 3M or third
party intellectual property rights is granted or implied with this information.
Technical Information:
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of a 3M product in a
particular application. As a result, customer is solely responsible for evaluating the product and determining whether it is appropriate and suitable for customer’s
application, including conducting a workplace hazard assessment and reviewing all applicable regulations and standards (e.g., OSHA, ANSI, etc.). Failure to properly
evaluate, select, and use a 3M product and appropriate safety products, or to meet all applicable safety regulations, may result in injury, sickness, death, and/or harm to
Product Selection and Use:
EN - May, 2022
7/8
3M™ VHB™ Tape RP+110GF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com