Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP230GF Datasheet(PDF) 3 Page - 3M Electronics

Part # RP230GF
Description  3M™ VHB™ Tape RP230GF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RP230GF Datasheet(HTML) 3 Page - 3M Electronics

  RP230GF Datasheet HTML 1Page - 3M Electronics RP230GF Datasheet HTML 2Page - 3M Electronics RP230GF Datasheet HTML 3Page - 3M Electronics RP230GF Datasheet HTML 4Page - 3M Electronics RP230GF Datasheet HTML 5Page - 3M Electronics RP230GF Datasheet HTML 6Page - 3M Electronics RP230GF Datasheet HTML 7Page - 3M Electronics RP230GF Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dwell/Cure Time: 24.0
Dwell Time Units: hr
Temp C: 23C
Temp F: 72F
Environmental Condition: 50%RH
Substrate: Stainless Steel
Backing: 5 mil Aluminum Foil
Notes: 12 in/min (300 mm/min)
Normal Tensile
620 kPa
View
Test Method: ASTM D897
Dwell/Cure Time: 72.0
Dwell Time Units: hr
Temp C: 23C
Temp F: 73F
Substrate: Aluminum
Notes: 1 in.² (6.45 cm²), Jaw Speed 2 in./min. (50 mm/min.)
Normal Tensile
90 lb/in²
View
Test Method: ASTM D897
Dwell/Cure Time: 72.0
Dwell Time Units: hr
Temp C: 23C
Temp F: 73F
Substrate: Aluminum
Notes: 1 in.² (6.45 cm²), Jaw Speed 2 in./min. (50 mm/min.)
Overlap Shear Strength
580 kPa
View
Test Method: ASTM D1002
Notes: 1 in² (6.45 cm²), Jaw Speed 0.5 in/min (12.7 mm/min)
Overlap Shear Strength
85 lb/in²
View
Test Method: ASTM D1002
Notes: 1 in² (6.45 cm²), Jaw Speed 0.5 in/min (12.7 mm/min)
Short Term Temperature Resistance
230 °C
View
Notes: No change in room temperature dynamic shear properties following 4 hour conditioning at indicated temperature with 100 g/static load. (Represents minutes,
hour in a process type temperature exposure).
Short Term Temperature Resistance
450 °F
View
Notes: No change in room temperature dynamic shear properties following 4 hour conditioning at indicated temperature with 100 g/static load. (Represents minutes,
hour in a process type temperature exposure).
Long Term Temp C
121 °C
View
Notes: Maximum temperature where tape supports at least 250 g load per 0.5 in² in static shear for 10,000 minutes. (Represents continuous exposure for day or
weeks).
Long Term Temp F
250 °F
View
Notes: Maximum temperature where tape supports at least 250 g load per 0.5 in² in static shear for 10,000 minutes. (Represents continuous exposure for day or
weeks).
EN - May, 2022
3/8
3M™ VHB™ Tape RP+110GF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com