Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V3-PSE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # BB-RPS-V3-PSE
Description  FLEXIBLE, ADAPTABLE LTE ROUTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V3-PSE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  BB-RPS-V3-PSE Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 2Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 3Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
SmartFlex SR305
FLEXIBLE, ADAPTABLE LTE ROUTER
POWER
Power Supply
(sold separately)
10 – 60 VDC (2–Way Molex connector
Power Consumption
Idle: 2.5 W
Average: 4 W
Peak: 11 W
Sleep Mode: 10mW
ENVIRONMENTAL
Temperature Range
Operating: -40 to +75 °C
Storage: -40 to +85 °C
Temperature Range
LTE450
Operating: -20 to +60 °C
Storage: -40 to +85 °C
Humidity
Operating: 0 to 95 %
Storage (Non-condensing): 0 to 95 %
Cold Start
-35 °C
Operating Altitude
2000 m / 70 kPa
Ingress Protection
Rating
IP30
WI-FI - 802.11 A/B/G/N, AP OR CLIENT MODES
Supported Wi-Fi
band
2.4 GHz, 5.4 GHz
Encryption
None, WEP, TKIP, AES
5 GHz supported
channels
36, 40, 44, 48, 52, 56, 60, 64, 149, 153, 157, 161, 165
2.4 GHz supported
channels
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14
Number of clients
10
Authentication
Open, Shared, WPA–PSK, WPA2–PSK
MECHANICAL
Plastic or metal case with plastic or metal DIN rail
Enclosure
Dimensions
55x97x125 mm
Weight Plastic
170 g
Weight Metal
375 g
HW SPECIFICATIONS
PORTS, LED, ANTENNAS
Up to 5x ETH ports
RJ45, 10/100 Mbps
SIM
2 Mini SIMs (2FF) (rear panel)
LED Indicators
PWR, DAT, WAN, ETH, SIM, USR, POE, IN0,
IN1, OUT
3x ANT - ANT, DIV, GPS
(sold separately)
SMA connectors
Wi-Fi Antenna (sold separately)
R-SMA connector
USB
USB Host connector 2.0
SD Card
1x Micro SD Card slot (rear panel)
RST
RESET button (rear panel)
*Optional 3-port SWITCH
3x RJ45, 10/100 Mbps
*Optional ETH - R232 - RS485
RJ45, 4-pin terminal block, 3-pin terminal block
connectors – Isolation up to 2.5 kV
*Optional RS232 - RS485
5-pin terminal block, 4-pin terminal block
connectors – Isolation up to 2.5 kV
3-port SWITCH
ETH - RS232 - RS485
RS232 - RS485
POE
PARAMETERS
POE PD
parameters for opposite PSE
P0E PSE
Input voltage
range
42.5 – 57 V
44 – 57 V, 65 W
Power available
25.50 W
2x 25.50 W
(ETH0, ETH1)
Maximum current
600 mA
Insul. Strength
1.5 kV from the router
none
Standards IEEE 802.3at-2009 (PoE+) and IEEE 802.3af-2003 (PoE) supported.
Cabling needed is Category 5, up to 12.5 Ω. It is possible to use a passive PoE
injector
GNSS SPECIFICATIONS
Antenna
50 Ohms – active
Protocols
NMEA 0183 v3.0
Frequency GPS
1575.42MHz Typical
Frequency GLOBASS
1597.551MHz Min.; 1605.886MHz Max.
Tracking Sensitivity
(Open sky)
Active antenna or LNA: -159 dBm
Passive antenna: -156 dBm
Acquisition Sensitivity
(Open sky)
Active antenna or LNA: -149 dBm
Passive antenna: -145 dBm
Cold Start Sensitivity
-145 dBm
Acquisition time (TTFF) Warm start: 29 s Max.
Cold start: 32 s Max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com