Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V3-PSE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-RPS-V3-PSE
Description  FLEXIBLE, ADAPTABLE LTE ROUTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V3-PSE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-RPS-V3-PSE Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 2Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 3Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.advantech-bb.com / Enabling an Intelligent Planet
All product specifications are subject to change without notice.
SmartFlex SR305
FLEXIBLE, ADAPTABLE LTE ROUTER
+ Powerful CPU and enhanced memory
+ Extended operational temperature range from -40 °C to +75 °C
+ 10-60 VDC operation with transient and reverse polarity voltage
protection
+ Flexible port options – 3-port Switch, Ethernet and RS-232/422/485
serial ports with isolation
+ GPS and GLONASS support
+ MicroSD card holder, In/Out, USB Host
+ Low power consumption mode for solar and battery power applications
+ Optional industrial grade Wi-Fi
+ Optional PoE PSE or PoE PD on ETH0 and ETH1
+ Advanced security features
SmartFlexTM cellular router provides secure Internet
connectivity for devices and LANs via the cellular networks.
It canprovide automatic wireless failover for wired networks,
wireless connectivity for devices in remote locations where
cable connections are impractical and wireless connectivity
for mobile assets. With upload speeds of up to 50 Mbps and
download speeds of up to 100 Mbps, SmartFlex provides
ample bandwidth, even for applications that require video.
SmartFlex places intelligence at the network edge with an
extremely powerful Cortex A8 CPU at 1GHz, 256 MB flash
memory, 512 MB RAM and 128kB M-RAM, providing full
support for LTE (Long Term Evolution) speeds and applications.
A secure Web interface allows users to configure and manage
SmartFlex from remote locations. The router can also upgrade
its configuration and firmware from the operator’s central
server, allowing for simultaneous mass reconfiguration of
every router on the network. Users may insert Linux scripts
and can create multiple configurations for the same router
and switch from one configuration to another at any time.
Modular SmartFlex can be configured for any application.
Standard configuration includes 2 Ethernet ports with
2 independent LANs/IP addresses and also includes 1
USB host port, 1 microSD card holder, 2 SIM card holders
for automatic failover to an alternate service provider, 2
binary inputs(I/O), 1 binary output (I/O) and onboard GPS.
An optional built-in Wi-Fi module is also available, with
industrial grade operating temperature ranges from -40 to
+75 °C (-20 to +60 °C LTE450 module). Further optional boards
include: 3x ETH (the router can be configured with up to 5 total
Ethernet ports and 3 independent LANs/IP addresses) or ETH/
RS-232/485 or RS-232/485 (isolation strength up to 2.5kV) or
RS-232. The SmartFlex supports real time data encryption and
the creation of VPN tunnels using IPsec, OpenVPN and L2TP.
It supports DHCP, NAT, NAT-T, DynDNS, NTP, VRRP, control
by SMS, and numerous other functions, as well as additional
software like SmartCluster VPN Server and R-SeeNet.
Note: Antennas & Power Supply Sold Separately.
SmartFlex Family
2x ETH, 1x USB, 2x BI, 1x BO, MicroSD reader, 2x SIM reader
BB - SR305 XXXXX - YYYY
No SmartWorx HUB
SWH
SmartWorx HUB
Accessories
0
No Accessories (DIN holder included)
Enclosure
1
Plastic enclosure
2
Metal enclosure
Interfaces
0
No optional port
1
3x ETH Switch
3
RS232 (5-pin TB), RS485/422 (4-pin TB)
4
RS232 (4-pin TB), RS485 (3-pin TB), ETH
PoE
0
No PoE
8
PoE PSE
9
PoE PD
WiFi
0
No Wi
1
WiFi (TI 2.4 & 5 GHz)
Router version
05
NAM
ORDERING INFORMATION
Note: Check with your local distributor for availability, options, and HW configuration.
Contact Advantech B+B SmartWorx distributors.
SmartFlex_SR305_February 27, 2018 9:06 AM


Similar Part No. - BB-RPS-V3-PSE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
305Kb / 2P
FLEXIBLE, MODULAR LAN ROUTER
December 7, 2017 10:46 AM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
409Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
October 23, 2019 3:27 PM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
363Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
February 15, 2018 10:23 AM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
609Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
February 15, 2018 1:01 PM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
654Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
September 25, 2019 12:08 PM
More results

Similar Description - BB-RPS-V3-PSE

ManufacturerPart #DatasheetDescription
logo
Digi International Inc.
WR21 DIGI-WR21 Datasheet
595Kb / 5P
Compact, flexible, low-cost 3G/4G/LTE enterprise router for remote and mobile networking applications
logo
Advantech Co., Ltd.
ICR-3241 ADVANTECH-ICR-3241 Datasheet
604Kb / 4P
INDUSTRIAL IoT 4G LTE ROUTER & GATEWAY
June 3, 2020
SR300 ADVANTECH-SR300 Datasheet
305Kb / 2P
FLEXIBLE, MODULAR LAN ROUTER
December 7, 2017 10:46 AM
SR300 ADVANTECH-SR300_V01 Datasheet
363Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
February 15, 2018 10:23 AM
SR300 ADVANTECH-SR300_V02 Datasheet
409Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
October 23, 2019 3:27 PM
SR303 ADVANTECH-SR303_V03 Datasheet
609Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
February 15, 2018 1:01 PM
SR303 ADVANTECH-SR303_V04 Datasheet
654Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
September 25, 2019 12:08 PM
SR305 ADVANTECH-SR305_V01 Datasheet
639Kb / 4P
FLEXIBLE, ADAPTABLE LTE ROUTER
September 5, 2019 8:54 AM
EKI-1652WT ADVANTECH-EKI-1652WT Datasheet
532Kb / 2P
EN50155 Industrial M12 WiFi/LTE Router
8-Feb-2023
logo
Multi-Tech Systems, Inc...
86002199 MULTITECH-86002199 Datasheet
873Kb / 2P
LTE OnGo CBRS Industrial Cellular Router
2021-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com