Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V3-PSE Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # BB-RPS-V3-PSE
Description  FLEXIBLE, ADAPTABLE LTE ROUTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V3-PSE Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  BB-RPS-V3-PSE Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 2Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 3Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
CELLULAR MODULE PARAMETERS
LTE features
Bit rate 100 Mbps (DL) / 50 Mbps (UL), 3GPP rel. 8 standard; UE CAT. 3
Output power: Class 3 (+23dBm ±2 dB)
Supported bandwidths: 5 MHz, 10 MHz, 20 MHz
Supported frequencies: 700 (B13) / 700 (B17) / 850 (B5) /AWS (B4) / 1900 MHz (B2)
GPRS/EDGE
features
Bit rate 237 kbps (DL) / 59,2 kbps (UL)
GPRS multislot class 12, CS 1 to 4
EDGE multislot class 12, CS 1 to 4, MCS 1 to 9
Supported frequencies: 850 / 900 / 1800 / 1900 MHz
HSPA+ features Bit rate 42 Mbps (DL) / 5,76 Mbps (UL), 3GPP rel. 7 standard; UE CAT. 14, 24
Data compression 3GPP TS25.212
Supported frequencies: 850 (BV) /AWS (BIV) / 1900 MHz (BII)
GPRS/EDGE
power classes
EGSM 850 / 900: Class 4 (+33dBm ±2 dB)
GSM 1800 / 1900: Class 1 (+30dBm ±2 dB)
GSM 850 / 900: Class E2 (+27dBm ±3 dB)
GSM 1800 / 1900: Class E2 (+26dBm +3/-4 dB)
UMTS features PS bit rate 384 kbps (DL) / 384 kbps (UL)
Output power: Class 3 (+24dBm +1/-3 dB)
Supported frequencies: 850 (BV) /AWS (BIV) / 1900 MHz (BII)
SmartFlex SR305
FLEXIBLE, ADAPTABLE LTE ROUTER
STANDARDS AND REGULATIONS
SD card slot
Secundary SIM
Primary SIM
RESET button
DIN holder
Ethernet 10/100 ports
*optional PoE PD and
PoE PSD capability
WiFi antenna connector *optional
IN0, IN1, OUT
GPS antenna connector
ANT, DIV antenna connector
Power connector
USB Host
*optional - RS232, ETH - RS232 - RS485, RS232 - RS485, 3-port SWITCH
Robust metal or plastic case
INDUSTRY CERTIFICATIONS & APPROVALS
SR305 - NAM
Telecom and
emission
ETSI EN 301 511 v9.0.2, ETSI EN 300 440-2 v1.4.1
ETSI EN 300 328 v1.8.1, ETSI EN 301 489-17 v2.2.1
EMC
FCC 15.107 Class B, FCC 15.109 Class B
FCC ID 2AIQR-SR305, Contains: FCC ID 2AIQR-PLS8-X, IC ID 7830A-PLS8X.WiFi versions contain FCC ID Z64-WL18DBMOD,
IC ID 4511-WL18DBMOD.
PTCRB
ETSI EN 301 489-1 v1.9.2, IEC 61000-6-2:2005, IEC 61000-6-3:2006
Safety
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013, EN 62311:2008
UL C1D2 and ATEX:
UL 60950-1, 2nd ed. + am1 + am2 *
CAN/CSA C22.2 No. 60950-1-07, 2nd ed. + am1 + am2 *
UL E486108 *
ATEX II 3 G Ex nA IIC T4 Gc, DEMKO 16 ATEX 1801X *
Carrier approvals
AT&T, Verizon, Rogers
* Excluding versions with PoE PSE or RS232-RS485-ETH interface.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com