Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7375 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7375
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7375 Datasheet HTML 1Page - Diodes Incorporated AP7375 Datasheet HTML 2Page - Diodes Incorporated AP7375 Datasheet HTML 3Page - Diodes Incorporated AP7375 Datasheet HTML 4Page - Diodes Incorporated AP7375 Datasheet HTML 5Page - Diodes Incorporated AP7375 Datasheet HTML 6Page - Diodes Incorporated AP7375 Datasheet HTML 7Page - Diodes Incorporated AP7375 Datasheet HTML 8Page - Diodes Incorporated AP7375 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP7375
Document number: DS44490 Rev. 3 - 2
4 of 18
www.diodes.com
September 2022
© Diodes Incorporated
AP7375
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Input Voltage
3.0
45
V
VOUT
Output Voltage
5
V
TJ
Operating Junction Temperature
-40
+125
°C
Electrical Characteristics (TA = 25°C, IOUT = 1mA, C
IN=1µF, C
OUT =10µF ceramic capacitor, VIN = VOUTNOM +2.0V)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
3
45
V
IGND
Quiescent Current
VIN = 12V, No load
2.1
5
µA
VOUT
Output Voltage
VIN = 12V, IOUT = 10 mA
VOUTx98%
VOUTx102%
V
IOUT_MAX
Output Current
300
350
mA
VDROP
Dropout Voltage
IOUT = 10mA, VIN = VOUTNOM – 0.1V
35
50
mV
IOUT = 100mA, VIN = VOUTNOM – 0.1V
350
360
mV
△VOUT(△IOUT)
Load Regulation (Note 5)
VIN = 12V, 1mA
≤ IOUT ≤ 100mA
0.02
0.025
%/mA
△VOUT(∆VIN)
Line Regulation
VOUTNOM + 0.5 V≤ VIN ≤ 45 V,
IOUT = 1 mA
0.01
0.02
%/V
ILIMIT
Current Limit
500
mA
TOTSD
Thermal Shutdown Temperature
+150
°C
THYOTSD
Thermal Shutdown Hysteresis
+20
°C
PSRR
Power Supply Rejection Ratio
VIN = 12V,IOUT = 10mA,
VOUT = 3.3V@1kHz
85
dB
VENH
EN High Level
Enabled
1
V
VENL
EN Low Level
Disabled
0.4
V
JC
Thermal Resistance Junction to Case
(Note 4)
SOT25
54
°C/W
SOT23
85
SOT89
44
Note:
4. a). Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended period may affect
device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC STD.51 High-K board design used to derive this data was a 3 inch x 3 inch multilayer
board with 1oz. internal power and ground planes and 2oz. copper traces on the top and bottom of the board.
5. The AP7375 internal circuitry is not fully operation until VIN is at least the greater of 3V or (VOUT+VDROPOUT(MAX)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com