Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7375 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7375
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7375 Datasheet HTML 1Page - Diodes Incorporated AP7375 Datasheet HTML 2Page - Diodes Incorporated AP7375 Datasheet HTML 3Page - Diodes Incorporated AP7375 Datasheet HTML 4Page - Diodes Incorporated AP7375 Datasheet HTML 5Page - Diodes Incorporated AP7375 Datasheet HTML 6Page - Diodes Incorporated AP7375 Datasheet HTML 7Page - Diodes Incorporated AP7375 Datasheet HTML 8Page - Diodes Incorporated AP7375 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AP7375
Document number: DS44490 Rev. 3 - 2
3 of 18
www.diodes.com
September 2022
© Diodes Incorporated
AP7375
Functional Block Diagram
Absolute Maximum Ratings (Note 4) (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
Supply Input Voltage
-0.3 ~ 55
V
VOUT
Regulated Output Voltage
-0.3 ~ 6
V
VOUT to VIN
-55 ~ 0.3
V
VEN
EN to GND
-0.3 ~ 55
V
IOUT
Output Current
Internally limited
mA
TLEAD
Lead Temperature (Soldering, 10sec)
+260
ºC
TJ
Operating Junction Temperature
+150
ºC
TA
Operating Ambient Temperature
-40 to +85
ºC
θJA
Thermal Resistance
(Junction to Ambient)
SOT25
153
°C/W
SOT23
164
SOT89
95
TSTG
Storage Temperature Range
-40 to +150
ºC
CDM
ESD (Change Device Model)
1.5kV
V
HBM
ESD (Human Body Model)
4kV
V
Note:
4. a). Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended period may affect
device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC STD.51 High-K board design used to derive this data was a 3 inch x 3 inch multilayer
board with 1oz. internal power and ground planes and 2oz. copper traces on the top and bottom of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com