Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7375 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7375
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7375 Datasheet HTML 1Page - Diodes Incorporated AP7375 Datasheet HTML 2Page - Diodes Incorporated AP7375 Datasheet HTML 3Page - Diodes Incorporated AP7375 Datasheet HTML 4Page - Diodes Incorporated AP7375 Datasheet HTML 5Page - Diodes Incorporated AP7375 Datasheet HTML 6Page - Diodes Incorporated AP7375 Datasheet HTML 7Page - Diodes Incorporated AP7375 Datasheet HTML 8Page - Diodes Incorporated AP7375 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP7375
Document number: DS44490 Rev. 3 - 2
2 of 18
www.diodes.com
September 2022
© Diodes Incorporated
AP7375
Typical Applications Circuit
VIN
GND
VOUT
COUT
10
μF
VOUT
VIN
AP7375
CIN
1
μF
EN (optional)
ON
OFF
EN
Pin Descriptions
Pin Number
Pin Name
Function
SOT25
SOT23
SOT89
1
1
3
VIN
Input voltage
2
3
2
GND
Ground
3
-
-
EN
Enable
5
2
1
VOUT
Regulated output voltage
4
-
-
NC
Not Connected internally, recommend connect to GND to maximize PCB copper for
thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com