Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5175F Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # PFS5175F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5175F Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button PFS5175F Datasheet HTML 7Page - Power Integrations, Inc. PFS5175F Datasheet HTML 8Page - Power Integrations, Inc. PFS5175F Datasheet HTML 9Page - Power Integrations, Inc. PFS5175F Datasheet HTML 10Page - Power Integrations, Inc. PFS5175F Datasheet HTML 11Page - Power Integrations, Inc. PFS5175F Datasheet HTML 12Page - Power Integrations, Inc. PFS5175F Datasheet HTML 13Page - Power Integrations, Inc. PFS5175F Datasheet HTML 14Page - Power Integrations, Inc. PFS5175F Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Rev. C 03/22
11
PFS5173-5178/5274
www.power.com
The low-line OCP (the greater of the two settings) is selected when
the peak of the input line voltage drops below 140 VAC for 3
consecutive half-cycles and the high-line OCP level (the lesser of the
two settings) is selected when the input line voltage rises above 170
VAC for 1 half-cycle, (except in follower mode, as described in the
subsequent sections).
The HiperPFS-5 IC implements a high input line OCP after detecting
the VOLTAGE MONITOR pin voltage being above the high-line
threshold, V
HIGH+. The controller reverts back to low-line OCP (as well
as low-line frequency slide) only after 3 consecutive half-line cycle
peak values that are below the low-line threshold V
HIGH-. In the event
of a line drop-out, the controller may revert from high-line to low-line
set-points if the drop-out exceeds 37 ms (nominal).
A follower-mode feature updates the controller to high-line status
rapidly, as soon as the input voltage exceeds V
HIGH+. This feature has
particular benefit for high-line hard-start conditions after a long AC
line drop-out where the peak detector may initially indicate a low
input line condition.
PI-7255-031022
~170 VAC
V
IN
~140 VAC
I
OCP(LL)
I
OCP(HL)
Safe Operating (SOA) mode
Since the cycle-by-cycle OCP mechanism described above does not
prevent the possibility of inductor current ‘stair-casing’, and an SOA
mode is also featured.
Rapid build-up of the switch current can occur in the event of
inductor saturation or when the input and output voltage differential
is small resulting in too little inductor reset time.
The SOA mode is triggered whenever the switch current reaches
current limit (I
OCP) and the on-time is less than tSOA. The SOA mode
forces an off-time equal to t
OFF(SOA) and pulls the internal error-voltage
(V
E) down by 1/2 of its maximum value in order to ensure the switch
remains within its SOA.
Fast Output Voltage Overvoltage Protection
The HiperPFS-5 features a voltage feedback threshold comparator on
the FEEDBACK pin which detects an output overvoltage condition to
allow rapid response, (independent of the COMPENSATION pin
response), to prevent hazardous voltage conditions from occurring.
The overvoltage protection is hysteretic – the voltage on the
FEEDBACK pin must drop by 0.1 V (equating to an output voltage
drop of 10 V) before switching is re-started.
FEEDBACK to COMPENSATION Pin Short Detection Safeguard
The PFC controller continuously monitors the FEEDBACK and
COMPENSATION pins to ensure that there are no potential short
conditions between the adjacent FEEDBACK and COMPENSATION
pins, which could result in output overvoltage conditions. In the
event a potential short is detected, a rapid short check is performed
and a shutdown is executed in the event that a suspected short is
validated.
Open FEEDBACK Pin Protection
The FEEDBACK pin continuously sinks a static current of I
FBPD
([VCC >VCC
UVLO+]) to protect against a fault related to an open
FEEDBACK pin or invalid feedback divider network. The internal
current sink introduces a small static offset to the output regulation
which can be accounted for in selecting the output feedback
regulation components (FEEDBACK pin divider).
Hysteretic Thermal Protection
The thermal shutdown circuit senses the controller die temperature
which is well coupled to the power switch through the exposed,
source pad and PCB copper cooling plane. The OTP (over-
temperature protection) threshold is set at 138 °C typical with 36 °C
hysteresis.
When the controller die temperature rises above this threshold (OTP),
the controller initiates a soft-shutdown and remains disabled until the
controller die temperature falls by ~36 °C, at which point the device
will re-initiate the start-up sequence.
Figure 13. Line Dependent OCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com