Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5175F Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # PFS5175F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5175F Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button PFS5175F Datasheet HTML 13Page - Power Integrations, Inc. PFS5175F Datasheet HTML 14Page - Power Integrations, Inc. PFS5175F Datasheet HTML 15Page - Power Integrations, Inc. PFS5175F Datasheet HTML 16Page - Power Integrations, Inc. PFS5175F Datasheet HTML 17Page - Power Integrations, Inc. PFS5175F Datasheet HTML 18Page - Power Integrations, Inc. PFS5175F Datasheet HTML 19Page - Power Integrations, Inc. PFS5175F Datasheet HTML 20Page - Power Integrations, Inc. PFS5175F Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Rev. C 03/22
17
PFS5173-5178/5274
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
J = -40 to +125 °C
(See Note C)
Min
Typ
Max
Units
Current Limit / Circuit Protection (cont.)
Over-Current
Protection Limit1
I
OCP
T
JI = 0 °C to
100 °C
80% Full Power
A
di/dt =
234 mA/µs
PFS5x73F
V
V < 2 V
2.5
V
V > 2.42 V
1.7
di/dt =
350 mA/µs
PFS5x74F
V
V < 2 V
3.5
V
V > 2.42 V
2.5
di/dt =
395 mA/µs
PFS5x75F
V
V < 2 V
4.2
V
V > 2.42 V
2.9
di/dt =
500 mA/µs
PFS5x76F
V
V < 2 V
5.3
V
V > 2.42 V
3.7
di/dt =
562 mA/µs
PFS5x77F
V
V < 2 V
6.0
VV > 2.42 V
4.2
di/dt =
669 mA/µs
PFS5x78F
V
V < 2 V
7.4
V
V > 2.42 V
5.8
Over-Current
Protection Limit1
I
OCP
T
JI = 0 °C to
100 °C
70% Full Power
A
di/dt =
205 mA/µs
PFS5x73F
V
V < 2 V
2.2
V
V > 2.42 V
1.5
di/dt =
306 mA/µs
PFS5x74F
V
V < 2 V
3.1
V
V > 2.42 V
2.2
di/dt =
346 mA/µs
PFS5x75F
V
V < 2 V
3.7
V
V > 2.42 V
2.6
di/dt =
439 mA/µs
PFS5x76F
V
V < 2 V
4.7
V
V > 2.42 V
3.3
di/dt =
492 mA/µs
PFS5x77F
V
V < 2 V
5.3
V
V > 2.42 V
3.7
di/dt =
585 mA/µs
PFS5x78F
V
V < 2 V
6.5
V
V > 2.42 V
5.1
SOA Protection
Fixed Off-Time
t
OFF(SOA)
T
J = 25 °C
See Note A
200
250
300
µ
s
Leading Edge Blanking
(LEB) Time Period
t
LEB
T
J = 25 °C
See Note A
750
ns
Minimum On-Time
in IOCP
t
ON_OCP(MIN)
T
J = 25 °C
800
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com