Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7727H Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # PFS7727H
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7727H Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button PFS7727H Datasheet HTML 7Page - Power Integrations, Inc. PFS7727H Datasheet HTML 8Page - Power Integrations, Inc. PFS7727H Datasheet HTML 9Page - Power Integrations, Inc. PFS7727H Datasheet HTML 10Page - Power Integrations, Inc. PFS7727H Datasheet HTML 11Page - Power Integrations, Inc. PFS7727H Datasheet HTML 12Page - Power Integrations, Inc. PFS7727H Datasheet HTML 13Page - Power Integrations, Inc. PFS7727H Datasheet HTML 14Page - Power Integrations, Inc. PFS7727H Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Rev. F 08/20
11
PFS7x23-7x29/7633-7636
www.power.com
Open FEEDBACK Pin Protection
The FEEDBACK pin continuously sinks a static current of I
FBPD [VCC
>VCC
UVLO+] to protect against a fault related to an open FEEDBACK pin
or incomplete feedback divider network. The internal current sink
introduces a small static offset to the output regulation which can be
accounted for in selecting the output feedback regulation components
(FEEDBACK pin divider).
Hysteretic Thermal Shutdown
The thermal shutdown circuit senses the controller die temperature
which is well coupled to the heat sink through the exposed, grounded
pad. The threshold is set at 117 °C typical with a 36 °C hysteresis.
When the controller die temperature rises above this threshold (OTP),
the controller initiates a soft-shutdown and remains disabled until the
controller die temperature falls by ~36 °C, at which point the device
will re-initiate the start-up sequence.
The maximum time delay for soft-shutdown to occur after an OTP
event is detected is t
OTP beyond the next zero-crossing.
HiperPFS-4 Additional Features and Changes
HiperPFS-4 (eSIP) maintains similar pin-out as HiperPFS-3.
• The breakdown voltage rating of the PFC MOSFET and diode has
been increased to 600 V.
• PFC output voltage can be designed for up to 440 VDC output to
allow operation with 277 VAC line voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com