Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7727H Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # PFS7727H
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7727H Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button PFS7727H Datasheet HTML 11Page - Power Integrations, Inc. PFS7727H Datasheet HTML 12Page - Power Integrations, Inc. PFS7727H Datasheet HTML 13Page - Power Integrations, Inc. PFS7727H Datasheet HTML 14Page - Power Integrations, Inc. PFS7727H Datasheet HTML 15Page - Power Integrations, Inc. PFS7727H Datasheet HTML 16Page - Power Integrations, Inc. PFS7727H Datasheet HTML 17Page - Power Integrations, Inc. PFS7727H Datasheet HTML 18Page - Power Integrations, Inc. PFS7727H Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Rev. F 08/20
15
PFS7x23-7x29/7633-7636
www.power.com
For high performance designs, use of Litz wire is recommended to
reduce copper loss due to skin effect and proximity effect. For
toroidal inductors the numbers of layers should be less than 3 and for
bobbin wound inductors, inter layer insulation should be used to
minimize inter layer capacitance.
The HiperPFS-4 design spreadsheet simplifies this process and
automatically recommends a core size and design for either ferrite or
Sendust.
Output Diode
For a 385 V nominal PFC output voltage, use of a diode with 600 V or
higher PIV rating is recommended. CCM operation with hard
switching demands that diodes with low reverse recovery time and
reverse recovery charge should be used. The variable frequency
CCM operation of HiperPFS-4 reduces diode switching losses as
compared to fixed frequency solutions and use of readily available
high frequency diodes (such as Qspeed diode family from Power
Integrations), with soft recovery characteristics that result in a
reduced EMI. For highly demanding applications such as 80 PLUS
Gold power supplies, use of Silicon Carbide diodes may be consid-
ered. These uses will typically provide further full load improvement
in efficiency.
Selected diodes should have a forward continuous current rating of at
least 1.2 A to 1.5 A for every 100 W of output power.
Output Capacitor
For a 385 V nominal PFC output voltage, use of an electrolytic
capacitor with 450 V or higher continuous rating is recommended.
The capacitance required is dependent on the acceptable level of
output ripple and any hold up time requirements. The equations
below provide an easy way to determine the required capacitance in
order to meet the hold-up time requirement and also to meet the
output ripple require- ments. The higher of the two values would be
required to be used.
The capacitance required for meeting hold-up time requirements is
calculated using the equation:
C
O
PFC output capacitance in farads.
P
O
PFC output power in watts.
t
HOLD-UP
Hold-up time specification for the power supply
in seconds.
V
OUT
Lowest nominal output voltage of the PFC in volts.
V
OUT(MIN)
Lowest permissible output voltage of the PFC at
the end of hold-up time in volts.
The capacitance required for meeting the low frequency ripple
specification is calculated using the equation:
^h
f
L
Input frequency in Hz.
ΔV
O
Peak-peak output voltage ripple in volts.
η
PFC
PFC operating efficiency.
I
O(MAX)
Maximum output current in amps.
The capacitance calculated using the above method should be
appropriately increased to account for ageing and tolerances.
Power Supply for the IC
A 12 V regulated supply should be used for the HiperPFS-4. If the
VCC exceeds 15 V, the HiperPFS-4 may be damaged. In most
applications a simple series pass linear regulator made using an NPN
transistor and Zener diode is adequate since the HiperPFS-4 only
requires approximately I
CC(ON) maximum for its operation.
It is recommended that a 1 mF or larger, low ESR ceramic capacitor
be used to decouple the VCC supply. This capacitor should be placed
directly at the IC pin on the circuit board.
Line-Sense Network
The line-sense network connected to the VOLTAGE MONITOR pin
provides input voltage information to the HiperPFS-4. A value of 16 MW
is chosen in this example design to minimize power consumption in
these resistors. Only 1% or better tolerance resistors are recommended.
A decoupling capacitor of 470 pF forming an 80 ms time constant is
required to be connected in parallel with the bottom resistor from the
VOLTAGE MONITOR pin to the GROUND pin of the HiperPFS-4. If the
impedance of the resistor divider is different than that shown in the
example schematic, Figure 13, the decoupling capacitor value must
also be changed to maintain the 80 ms time constant. This capacitor
should be placed directly at the IC pin on the circuit board.
Feedback Network
A resistor divider network that provides 3.85 V at the FEEDBACK pin at
the rated output voltage should be used for optimal performance. It
should be scaled in direct proportion to the VOLTAGE MONITOR pin
resistor divider network in order to ensure proper regulation and
power delivery. The HiperPFS-4 controller has been optimized for
operation with an output voltage of 385 VDC. Applications requiring
voltages that deviate from this nominal parameter, thereby requiring
a FEEDBACK pin divider ratio other than the recommended 100:1,
need to be evaluated for trade-offs of the key target parameters of
the specific design. E.g.: the VOLTAGE MONITOR pin divider ratio
should be modified to be equivalent to that of the feedback divider in
order to optimize power factor. However, this will have an impact on
power limit, as well as brown-in/brown-out thresholds, etc. Modifica-
tion of FEEDBACK and VOLTAGE MONITOR pin resistor divider ratios
within 2.5% of nominal should not result in dramatically compromised
performance, but should be thoroughly verified. Changes in excess
of this are not recommended. Itemized trade-offs of this type are
outside the scope of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com