Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7727H Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # PFS7727H
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7727H Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button PFS7727H Datasheet HTML 12Page - Power Integrations, Inc. PFS7727H Datasheet HTML 13Page - Power Integrations, Inc. PFS7727H Datasheet HTML 14Page - Power Integrations, Inc. PFS7727H Datasheet HTML 15Page - Power Integrations, Inc. PFS7727H Datasheet HTML 16Page - Power Integrations, Inc. PFS7727H Datasheet HTML 17Page - Power Integrations, Inc. PFS7727H Datasheet HTML 18Page - Power Integrations, Inc. PFS7727H Datasheet HTML 19Page - Power Integrations, Inc. PFS7727H Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Rev. F 08/20
16
PFS7x23-7x29/7633-7636
www.power.com
Figure 14b. Recommended Feedback Circuit with Integrated Diode.
PI-7258a-061615
S
C
PGT
FB
VCC
PG
B+
R2
R4
R5
C3
CREF
C2
R1
R3
C1
K
D
REF
G
V
CONTROL
HiperPFS-4
PI-8032-071816
S
D
C
PGT
FB
VCC
PG
REF
G
V
CONTROL
HiperPFS-4
B+
R2
R4
R5
C3
CREF
C2
R1
R3
C1
Figure 14a. Recommended Feedback Circuit.
Please refer to DER-547 as a design example with 440 V output
voltage and 100-300 VAC input voltage. When addressing higher
input voltage designs such as 277 VAC, the output voltage of the PFC
needs to be increased to optimize the performance. If the FEEDBACK
pin resistor divider ratio is changed for higher output voltages, ensure
FEEDBACK and VOLTAGE pin resistor divider ratios are matched. Also
be aware that the brown-in/out will also increase as a result of
VOLTAGE pin resistor divider ratio change. Refer to DER-547 report
for more details.
Voltage de-rating requirements for the power MOSFET, boost diode,
and all design choices should be validated with bench tests.
The recommended circuits are shown in Figures 14a and 14b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com