Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC5200F Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC5200F
Description  NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC5200F Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC5200F Datasheet HTML 1Page - Continental Device India Limited CSC5200F Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON POWER TRANSISTOR
CSC5200F
TO-3P
POWER AMPLIFIER APPLICATIONS.
Complementary CSA1943F
MAXIMUM RATINGS(Ta=25 deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
160
V
Collector -Emitter Voltage
VCEO
160
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current
IC
12
A
Base Current
IB
1.2
A
Power Dissipation @ Tc=25 deg C
PC
90
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector-Cuttoff Current
ICBO
VCB=160V, IE=0
-
-
5.0
uA
Emitter-Cuttoff Current
IEBO
VEB=5V, IC=0
-
-
5.0
uA
Collector -Emitter Voltage
VCEO
IC=50mA, IB=0
160
-
-
V
DC Current Gain
hFE
IC=1A,VCE=5V
55
-
160
IC=7A,VCE=5V
35
-
-
Collector Emitter Saturation Voltage
VCE(Sat)
IC=8A, IB=0.8A
-
-
3.0
V
Base Emitter on Voltage
VBE(on)
IC=7A,VCE=5V
-
-
1.5
V
Transition Frequency
ft
VCE=5V, IC=1A
-
30
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
200
-
pF
f=1MHz
*hFE Classification
:
R : 55-110,
O : 80-160
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC5200F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC5299F CDIL-CSC5299F Datasheet
129Kb / 3P
POWER TRANSISTORS
CSC5299FNPN CDIL-CSC5299FNPN Datasheet
129Kb / 3P
POWER TRANSISTORS
More results

Similar Description - CSC5200F

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com