Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  In-Vehicle Full HD NVR w/4 PoE Ports 6th Gen. Intel® Core i7 6600U / Core i5 6300U SoC Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
TS-206
Mechanical
Construction
Aluminum housing, Black
Mounting
Desk/Wall-mounting
Din-Rail/VESA mounting by option
Dimensions (W x H x D)
264.5 x 75.1 x 133.0 mm (10.41" x 2.96" x 5.24")
Environment
Operating Temperature
With extended temperature peripherals:-20 ~ 60 °C with 0.7m/s air flow
With standard temperature peripherals:0 ~ 45 °C with 0.7m/s air flow
Storage Temperature
-40 ~ 85 °C (-40~185 °F)
Relative Humidity
95% @ 40 °C (non-condensing)
Vibration/Shock
With mSATA/SSD: IEC 60721-3-5 Class 5M3
Regulation
EMC
CE/FCC Class B, CCC, BSMI
Safety
UL, CCC, BSMI, E-Mark(E13) (No RED certification)
In-Vehicle Power
ISO7637-2 Lev.4
Specifications (Cont.)
238.20
264.50
Ø3.8
Ø8.0
252.50
75.1
DIN Rail
VESA mount
Wall mount



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com