Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  In-Vehicle Full HD NVR w/4 PoE Ports 6th Gen. Intel® Core i7 6600U / Core i5 6300U SoC Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fanless Embedded Box PCs
Features
TS-206
In-Vehicle Full HD NVR w/4 PoE Ports
6th Gen. Intel® Core i7 6600U / Core i5
6300U SoC Fanless Box PC
ƒ
Intel® Core i7-6600U 2.6GHz / Core i5-6300U 2.4GHz SoC
ƒ
4 PoE Ports to Support Mainstream IP Cameras
ƒ
Diversity Communication Abilities, ex. WWAN, WLAN
ƒ
Intelligent Vehicle Power Ignition
ƒ
12/24VDC with E-Mark certification
ƒ
1 x Removable 2.5" drive bay
ƒ
Advantech DeviceOn built-in for easy manageability
Specifications
TS-206-U6A1E
TS-206-U4A1E
Processor System
CPU
Intel® Core i7-6600U Dual Core
Intel® Core i5-6300U Dual Core
Frequency
2.6 GHz
2.4 GHz
L3 Cache
4 MB
3 MB
BIOS
AMI EFI 128 Mbit
Memory
Technology
DDR3L 1600 MHz
Max. Capacity
16GB
Socket
2 x 204-pin SO-DIMM
Graphics
Chipset
HD Graphics 520
Graphic Engine
DurectX 12, DirectX 11.3, OpenGL 4.4, and OpenCL 2.1
Full AVC/VC1/MPEG2 HW Decode
VGA
1920 x 1200@60Hz or 2048 x1152@60Hz with reduced blanking
HDMI
Lockable HDMI connector, up to 4K at 24 Hz
Audio
Main System
Realtek ALC888S, High Definition Audio (HD), Line-in, Line out, Mic-in
Ethernet
LAN #1
10/100/1000 Mbps Intel® I219LM
LAN #2
10/100/1000 Mbps Intel® I210-IT
I/O Interface
Power over Ethernet, PoE
4 x 10/100 Mbps
-4ports full-load, IEEE802.3af Class2(7Watt)
-2ports full-load, IEEE802.3af Class3(15.4Watt)
N/A
Serial Ports
2x non-isolated RS-232/422/485 with auto flow
control
2x isolated RS-232/422/485 with auto flow control
(3KV isolation)
2x non-isolated RS-232/422/485 with auto flow
control
CANBus
Option, 2ch CANBus 2.0A/B (1xCOM will be replaced)
USB Interface
2 x USB 2.0 & 2 x USB3.0
GPIO
6 x DI & 2 x DO w/ 3KV isolation
Input Voltage: 0 to 30 VDC,
Output Current: Max. 500 mA per channel
On-state Voltage: 24 VDC nominal, open collector to
30 VDC
Other
Watchdog timer
255-level timer interval, setup by software
TPM
TPM2.0
Expansion
Mini PCIe #1
Full-size Mini PCIe w/SIM holder (PCIe, USB interface)
Mini PCIe #2
Full-size Mini PCIe (PCIe, USB, SATA interface)
Mini PCIe #3/4
2 x Full-size Mini PCIe w/SIM holders (USB interface)
Storage
2.5" Drive Bay
1 x removable 2.5" drive bay (Standard 9.5mm height, 15mm height support by project)
mSATA
Laverage MiniPCIe #2 slot
Software Support
Microsoft Windows
WES7, Windows7, Windows 10
Linux
Support by project
Power Requirement
Power Input Voltage
12/24VDC with E-Mark certification
Vehicle Power Ignition
Selectable boot-up & shut-down voltage, on/off delay time
Power Consumption
26W (Typical), 76W (Max)
26W (Typical), 46W (Max)
Isolation
1.5 KV Isolated
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 15-Oct-2021


Similar Part No. - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Celeron Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Atom Dual Core D2550
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen
More results

Similar Description - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2121V ADVANTECH-ARK-2121V_15 Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel짰 Atom E3825 / Atom E3845 SoC Fanless Box PC
ARK-2151S ADVANTECH-ARK-2151S_15 Datasheet
1Mb / 2P
Outdoor Full HD NVR w/4 PoE Ports 4th Gen. Intel Core i5 4300U SoC Fanless Box PC
ARK-2151V ADVANTECH-ARK-2151V_15 Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen. Intel짰 Core i5 4300U / Celeron 2980U SoC Fanless Box PC
ARK-2151V ADVANTECH-ARK-2151V Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen
ARK-2250L ADVANTECH-ARK-2250L Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
ARK-2250LA2 ADVANTECH-ARK-2250LA2 Datasheet
903Kb / 4P
Intel 6th/7th Generation Core??i3/i5/i7 Modular Fanless Box PC
12-Jul-2021
ARK-2250L ADVANTECH-ARK-2250L_V01 Datasheet
1Mb / 4P
Intel 6th Generation Core??i3/i5/i7 Modular Fanless Box PC
21-Mar-2019
ARK-2250V ADVANTECH-ARK-2250V Datasheet
2Mb / 3P
6th Gen Intel Core i7-6822EQ QC/i5-6442EQ QC In-vehicle Fanless System
22-May-2019
ARK-2121S ADVANTECH-ARK-2121S Datasheet
1Mb / 2P
Outdoor NVR w/4 PoE Ports Intel Atom E3845 SoC Fanless Box PC
4-Dec-2020
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com