Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  In-Vehicle Full HD NVR w/4 PoE Ports 6th Gen. Intel® Core i7 6600U / Core i5 6300U SoC Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fanless Embedded Box PCs
USB 2.0
ON/OFF
PWR LED
SSD LED
USB 3.0
SSD
RESET
LINE-OUT
Optional IO
MIC
LINE-IN
MIC
LINE-OUT
DC INPUT
HDMI
LAN1
LAN2
VGA
Digital IO
Optional IO
RS-232/422/485
USB 2.0
ON/OFF
PWR LED
SSD LED
USB 3.0
RS-232/422/485
SSD
RESET
LINE-OUT
Digital IO
MIC
LINE-IN
MIC
LINE-OUT
DC INPUT
HDMI
LAN1
LAN2
VGA
POE
TS-206
Ordering Information
Part Number
Intel CPU
RAM
2.5" Drive mSATA Display GbE PoE
USB
DIO
COM
MiniPCIe
SIM Holder
Power Input Operating
Temperature
TS-206-U6A1E
Intel® Core i7
6600U 2.6 GHz
Up to
16GB
1
1
1 x HDMI
1 x VGA
2
4
2 x USB2.0
2 x USB3.0
6Di
2Do
2
4 x Full Size
3
12/24VDC
-20 ~ 55 °C
TS-206-U4A1E
Intel® Core i5-
6300U 2.4 GHz
N/A
4
-20 ~ 60 °C
Note: Intel Celeron 3955U is supported by request
Packing List
Part Number
Description
-
1 x TS-206 Unit
-
1 x Driver/Utility CD/Manual
-
1 x User Manual (Simplified Chinese)
1652000049
3-pole phoenix power block 3.81mm
1652003235
10-Pin DIO plug in block
Embedded OS
Part Number
Description
20706WE7PS0026
TS-206, WES7P 64bit OS
20706WX9HS0124
TS-206-U6A1E, Win10 IoT Ent 2019 High-end LTSC
64bit. English
20706WX9VS0128
TS-206-U4A1E, Win10 IoT Ent 2019 Value LTSC 64bit.
English
Optional Items
Part Number
Description
96PSA-A120W24T2-3
AC-to-DC Adapter
1702002600
Power Cable 3-pin 180cm, USA type
1702002605-02
Power Cable 3-pin 183cm, Europe type
1700018704
Power Cable 3-pin 183cm, UK type
EMCB-200U-MP01E
SQC CANBus Full-size, 2-Ch, USB I/F
1700024379-01
CanBus internal cable, 2-Ch, For TS-206-U4A1E
1700024380-01
CanBus internal cable, 2-Ch, For TS-206-U6A1E
AMK-V004E
VESA mounting kit
AMK-R004E
DIN-rail mounting kit
TS-206-U6A1E External I/O Mechanical Layout/Drawing
Front Panel
Rear Panel
Front Panel
Rear Panel
TS-206-U4A1E External I/O Mechanical Layout/Drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com