Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNO-2271G-R2BE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UNO-2271G-R2BE
Description  Intel® Atom™ Pocket-Size Smart Factory Edge Gateway with 2 x GbE, 1 x mPCIe, HDMI, eMMC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UNO-2271G-R2BE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UNO-2271G-R2BE Datasheet HTML 1Page - Advantech Co., Ltd. UNO-2271G-R2BE Datasheet HTML 2Page - Advantech Co., Ltd. UNO-2271G-R2BE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Front I/O View
UNO-2271G
UNO-2271G-E21BE/E021AE
UNO-2271G-E21BE/E021AE
UNO-2271G-E22BE/E022AE
UNO-2271G-E22BE/E022AE
UNO-2271G-E23BE/E023AE
UNO-2271G-E23BE/E023AE
Power
Connector
Power Connector
Power Connector
Reset Button
Reset Button
Reset Button
RJ45 LAN
RJ45 LAN
RJ45 LAN
HDMI
HDMI
HDMI
USB 3.0 Port
USB 3.0 Port
USB 3.0 Port
mSATA, PWR
LED Light
mSATA, PWR
LED Light
mSATA, PWR
LED Light
RS-232/422/485
3 x USB 2.0 Port
Chassis
Grounding
Chassis Grounding
Chassis Grounding
Reserved
Antenna
Reserved
Antenna
Reserved
Antenna
112
124
100
112
124
100
70
60
Ordering Information
CPU
Ordering Part Number
USB2.0
RS-232/422/485
LAN
USB3.0
HDMI
mPCIe
Single Stack
Single Core E3815
UNO-2271G-E21BE
x
x
2
1
1
1
Double Stack
UNO-2271G-E22BE
3
x
UNO-2271G-E23BE
x
2
Single Stack
Dual Core E3825
UNO-2271G-E021AE
x
Double Stack
UNO-2271G-E022AE
3
x
UNO-2271G-E023AE
x
2
iDoor Modules
ƒ PCM-23U1DG-BE
Internal locked USB Slot for USB Dongle
ƒ PCM-24R2GL-AE
2-Port Gigabit Ethernet, mPCIe, RJ45
ƒ PCM-26D2CA-AE
2-Ports Isolated CANBus mPCIe, CANOpen, DB9
ƒ PCM-2300MR-AE
MR4A16B, MRAM, 2 MByte, mPCIe
ƒ PCM-27D24DI-AE
24-Channel Isolated Digital I/O w/ counter mPCIe, DB37
Embedded O/S
ƒ 20703LEB1S0074
AdvLinux V2.0.4 (Ubuntu 18.04) image
ƒ 20703WE7PS0018
WS7P X64 MUI V4.19 B006 image
ƒ 20703WX9ES0011
WIN10 IoT Enterprise LTSC v6.04 B041 image
Optional Accessories
Adapters & Power cords
ƒ PWR-247-DE
60W AC to DC UNO series
power adapter
ƒ 1702002600
Power Cable US Plug 1.8 M
ƒ 1702002605
Power Cable EU Plug 1.8 M
ƒ 1702031801
Power Cable UK Plug 1.8 M
ƒ 1700000596
Power Cable China/Australia
Plug 1.8 M
Mounting Kits
ƒ UNO-2271G-DMKAE UNO-2271G DIN RAIL
Mount Kit
ƒ UNO-2000G-VMKAE UNO-2000 VESA Mount Kit
ƒ UNO-2000G-PMKAE UNO-2000 Pole Mount Kit
Others
ƒ UNO-2000-LKAE
Cable lockable kit 10 units/
per pack
Wi-Fi module & antenna
ƒ EWM-W157H01E
Wifi 802.11 a/b/g/n/ac,
w/ Bluetooth 4.0
ƒ 9656EWMG00E
(Half-size to full size mPCIe
bracket)
ƒ 1750006043
Coaxial cable for antenna
ƒ 1750008717-01
Antenna L=10.9 cm 50 0hm
LTE module & antenna
ƒ 968AD00589
Quectel EG25G LTE Module
Cat. 4, Mini-PCIe with Sim
Holder
ƒ 1750007990-01
Antenna 4G/LTE full band
L=11 cm 50 Ohm
ƒ 1750006264
Antenna SMA(F)/MHF
15cm cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com