Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNO-2271G-R2BE Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # UNO-2271G-R2BE
Description  Intel® Atom™ Pocket-Size Smart Factory Edge Gateway with 2 x GbE, 1 x mPCIe, HDMI, eMMC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UNO-2271G-R2BE Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  UNO-2271G-R2BE Datasheet HTML 1Page - Advantech Co., Ltd. UNO-2271G-R2BE Datasheet HTML 2Page - Advantech Co., Ltd. UNO-2271G-R2BE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Control Cabinet PCs
Extended Module
UNO-2271G-EKBE
2nd stack expansion module for support 1 x iDOOR
on UNO-2271G-E21BE/ UNO-2271G-E021AE
UNO-2271G-R2BE
2nd stack expansion module for support
2 RS-232/422/485 ports on UNO-2271G-E21BE/
UNO-2271G-E021AE
UNO-2271G-U3BE
2nd stack expansion module for support 3 USB2.0
ports on UNO-2271G-E21BE/ UNO-2271G-E021AE
Specifications
General
Ports
1 x iDOOR (Chassis only)
Dimensions
100 x 70 x 30 mm
Weight
100g
Environment
Operating Temperature
0 ~ 50 °C
Ordering Information
P/N
Description
UNO-2271G-EKBE
UNO-2271G 2nd stack extension kit for iDoor
Specifications
General
Ports
2 x RS-232/422/485 ports
Dimensions
100 x 70 x 30 mm
Weight
120g
Environment
Operating Temperature
0 ~ 50 °C
Ordering Information
P/N
Description
UNO-2271G-R2BE
UNO-2271G 2nd stack with 2 COM ports
Specifications
General
Ports
3 x USB2.0 ports
Dimensions
100 x 70 x 30 mm
Weight
120g
Environment
Operating Temperature
0 ~ 50 °C
Ordering Information
P/N
Description
UNO-2271G-U3BE
UNO-2271G 2nd stack with 3 USB2.0 ports



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com