Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNO-2271G-R2BE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UNO-2271G-R2BE
Description  Intel® Atom™ Pocket-Size Smart Factory Edge Gateway with 2 x GbE, 1 x mPCIe, HDMI, eMMC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UNO-2271G-R2BE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UNO-2271G-R2BE Datasheet HTML 1Page - Advantech Co., Ltd. UNO-2271G-R2BE Datasheet HTML 2Page - Advantech Co., Ltd. UNO-2271G-R2BE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Control Cabinet PCs
Features
UNO-2271G
Intel® Atom™ Pocket-Size
Smart Factory Edge Gateway with
2 x GbE, 1 x mPCIe, HDMI, eMMC
1000BASE-T Fast Ethernet
ƒ
USB Ports
1 x USB 3.0 for UNO-2271G-E21BE/E021AE
3 x USB 2.0 and 1 x USB 3.0 for UNO-2271G-E22BE/
E022AE
1 x USB 3.0 for UNO-2271G-E23BE/E023AE
ƒ
Displays
1 x HDMI, supports 1920 x 1080 @ 60Hz
ƒ
Power Connector
1 x 2 Pins, Terminal Block
Environment
ƒ
Operating Temperature 0 ~ 50°C (32 ~ 122°F) @ 5 ~ 85% RH with 0.7 m/s
airflow
ƒ
Storage Temperature
-40 ~ 85°C ( -40 ~ 185°F)
ƒ
Relative Humidity
10 ~ 95% RH @ 40°C, non-condensing
ƒ
Shock Protection
Operating, IEC 60068-2-27, 50G, half sine, 11 ms
ƒ
Vibration Protection
Operating, IEC 60068-2-64, 2 Grms, random,
5 ~ 500 Hz, 1hr/axis (mSATA)
ƒ
Ingress Protection
IP30
Installation Scenario
ƒ Intel® Atom™ E3815/E3825 processor with 4GB DDR3L onboard memory
ƒ 2 x GbE, 1 x USB 3.0, 1 x HDMI, option 2 x RS-232/422/485 or 3 x USB2.0
ƒ Compact fanless design
ƒ Rubber stopper design with internal reserved screws for 2nd layer assembly
ƒ Diverse system I/O and isolated digital I/O by iDoor technology
ƒ Supports Fieldbus protocol by iDoor technology
ƒ Supports 30+ iDoor combination with four main categories of smart factory
applications
ƒ 32GB eMMC storage onboard
Specifications
General
ƒ
Certification
CE, FCC, UL, CCC, BSMI
ƒ
Dimensions (W x D x H) 100 x 70 x 30 mm (3.9" x 2.8" x 1.2"),
UNO-2271G-E21BE/E021AE
100 x 70 x 60 mm (3.9" x 2.8" x 2.6"),
UNO-2271G-E22BE/E23BE/E022AE/E023AE
ƒ
Form Factor
Pocket Size, same dimension as standard 2.5" SSD/
HDD
ƒ
Enclosure
Aluminum Housing
ƒ
Mounting
Stand, Wall, VESA (Optional), DIN-rail (Optional),
Pole (Optional)
ƒ
Weight (Net)
0.5 kg (1.1lbs) for UNO-2271G-E21BE/E021AE
0.6 kg (1.2lbs) for UNO-2271G-E22BE/ E022AE and
E23BE/ E023BE
ƒ
Power Requirement
10 ~ 30VDC
ƒ
Power Consumption
12W (Typical), 24W (Max)
ƒ
OS Support
For mSATA storage: Windows7, Windows10 LTSB,
Advantech Linux
For eMMC storage: Advantech embedded customized
Windows7 64bits, Windows 10 LTSB, Advantech Linux
System Hardware
ƒ
BIOS
AMI EFI64 Mbit
ƒ
Watchdog Timer
Programmable 255 levels timer interval, from 1 to 255
sec
ƒ
Processor
Intel Atom E3815 Single Core 1.46GHz
Intel Atom E3825 Dual Core 1.33Ghz
ƒ
System Chip
Intel Atom SoC integrated
ƒ
Memory
Onboard 4GB DDR3L 1066 MHz
ƒ
Graphics Engine
Intel® HD Graphics
ƒ
Ethernet
Realtek RTL8111E GbE, 802.10av
ƒ
LED Indicators
LEDs for Power, HDD, LAN (Active, Status)
ƒ
Storage
Onboard 32GB eMMC (Option mSATA shared with
mPCIe slot)
ƒ
Expansion
1 x Full-size mPCIe slot
I/O Interfaces
ƒ
Serial Ports
2 x RS 232/422/485 for UNO-2271G-E23BE/ E023AE
ƒ
LAN Ports
2 x RJ45, 10/100/1000 Mbps IEEE 802.3u
Introduction
Advantech's new generation UNO-2000 series of embedded automation computers are highly ruggedized, fanless, and modular designs. New UNO-2000 series includes pocket, small,
and regular-sized form-factors for different kinds of smart factory applications such as Equipment Connectivity (EC), Process Visualization (PV), Environment Management (EM), and
Dispatch Management (DM).The modular design of UNO- 2271G features optimized I/O and offers three different configurations. It also supports Advantech’s iDoor technology via a
second expansion stack. UNO-2000 series provide flexible and time-to-market support for a variety of applications.
NEW
DIN-rail Mount Illustration
VESA Mount Illustration
Pole Mount Illustration
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 9-Sep-2020


Similar Part No. - UNO-2271G-R2BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2271G-RP1EA ADVANTECH-UNO-2271G-RP1EA Datasheet
791Kb / 4P
Edge IoT Gateway with 2 x GbE, 2 x USB 3.2, 1 x mPCIe, 1 x HDMI, and 32 GB eMMC
5-Jul-2022
UNO-2271G-RP1EA ADVANTECH-UNO-2271G-RP1EA Datasheet
791Kb / 4P
Edge IoT Gateway with 2 x GbE, 2 x USB 3.2, 1 x mPCIe, 1 x HDMI, and 32 GB eMMC
5-Jul-2022
UNO-2271G-RS2EA ADVANTECH-UNO-2271G-RS2EA Datasheet
791Kb / 4P
Edge IoT Gateway with 2 x GbE, 2 x USB 3.2, 1 x mPCIe, 1 x HDMI, and 32 GB eMMC
5-Jul-2022
More results

Similar Description - UNO-2271G-R2BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2272G ADVANTECH-UNO-2272G_15 Datasheet
626Kb / 2P
Intel짰 Atom??Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA
APAX-5580 ADVANTECH-APAX-5580 Datasheet
379Kb / 2P
Intel® Core™ i7/i3/Celeron® Control IPC w/ 2 x GbE, 2 x mPCIe, VGA
10-Feb-2017
ESRP-RMM-UNO2484 ADVANTECH-ESRP-RMM-UNO2484 Datasheet
1Mb / 3P
Regular-Size Modular Box Platform (MBP) with Intel® Core™ i5-7300U Processor, 4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
15-Jul-2020
UNO-127 ADVANTECH-UNO-127 Datasheet
796Kb / 3P
Compact, Fanless Edge Controller with Intel® Atom® Processor, 64GB eMMC, 2 x LAN, 2 x USB, and 1 x HDMI
11-Jul-2022
UNO-420 ADVANTECH-UNO-420 Datasheet
620Kb / 2P
Intel® Atom™ PoE Powered Device Sensing Gateway with 3 x COM, 2 x LAN (1 x PoE), 8 x GPIO, HDMI, USB3.0, TPM2.0
30-Mar-2022
UNO-2271G-V2 ADVANTECH-UNO-2271G-V2 Datasheet
791Kb / 4P
Edge IoT Gateway with 2 x GbE, 2 x USB 3.2, 1 x mPCIe, 1 x HDMI, and 32 GB eMMC
5-Jul-2022
UNO-2272G ADVANTECH-UNO-2272G Datasheet
737Kb / 2P
Intel® Atom™/Celeron® Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA/HDMI
6-Jan-2021
UNO-2484G ADVANTECH-UNO-2484G Datasheet
679Kb / 2P
Intel® Core™ i7 Regular-Size Modular Box Platform with 4 x GbE, 5 x HDMI, 1 x DP
7-Jan-2021
UNO-3272G ADVANTECH-UNO-3272G Datasheet
1,000Kb / 2P
Intel® Celeron J1900 Automation Computer with 2 PCI(e) Expansion Slots, 2 x GbE, 1 x mPCIe, HDMI, VGA
6-Jan-2021
UNO-2372G-V2 ADVANTECH-UNO-2372G-V2 Datasheet
918Kb / 4P
Compact Modular Box PC with Intel® Celeron® Processor, 2 x GbE, 4 x USB, 4 x COM, 2 x M.2, 1 x mPCIe, 1 x HDMI 1.4, 1 x DP 1.4
2-Dec-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com