Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080EVAL Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12DL080EVAL
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080EVAL Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC12DL080EVAL Datasheet HTML 15Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 16Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 17Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 18Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 19Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 20Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 21Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 22Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Applications Information (Continued)
For differential operation, each analog input pin of the differ-
ential pair should have a peak-to-peak voltage equal to the
reference voltage, V
REF, be 180 degrees out of phase with
each other and be centered around V
CM.
1.3.1 Single-Ended Operation
Performance with differential input signals is better than with
single-ended signals. For this reason, single-ended opera-
tion is not recommended. However, if single ended-operation
is required and the resulting performance degradation is
acceptable, one of the analog inputs should be connected to
the d.c. mid point voltage of the driven input. The peak-to-
peak input signal at the driven input pin should be twice the
reference voltage to maximize SNR and SINAD performance
(Figure 2b). For example, set V
REF to 1.0V, bias VIN− to 1.5V
and drive V
IN+ with a signal range of 0.5V to 2.5V.
Because very large input signal swings can degrade distor-
tion performance, better performance with a single-ended
input can be obtained by reducing the reference voltage
when maintaining a full-range output. Table 1 and Table 2
indicate the input to output relationship of the ADC12DL080.
TABLE 1. Input to Output Relationship – Differential
Input
V
IN+
V
IN−
Binary Output
2’s Complement
Output
V
CM −
V
REF/2
V
CM +
V
REF/2
0000 0000 0000
1000 0000 0000
V
CM −
V
REF/4
V
CM +
V
REF/4
0100 0000 0000
1100 0000 0000
V
CM
V
CM
1000 0000 0000
0000 0000 0000
V
CM +
V
REF/4
V
CM −
V
REF/4
1100 0000 0000
0100 0000 0000
V
CM +
V
REF/2
V
CM −
V
REF/2
1111 1111 1111
0111 1111 1111
TABLE 2. Input to Output Relationship – Single-Ended
Input
V
IN+
V
IN−
Binary Output
2’s Complement
Output
V
CM −
V
REF
V
CM
0000 0000 0000
1000 0000 0000
V
CM −
V
REF/2
V
CM
0100 0000 0000
1100 0000 0000
V
IN+
V
IN−
Binary Output
2’s Complement
Output
V
CM
V
CM
1000 0000 0000
0000 0000 0000
V
CM +
V
REF/2
V
CM
1100 0000 0000
0100 0000 0000
V
CM +
V
REF
V
CM
1111 1111 1111
0111 1111 1111
1.3.2 Driving the Analog Inputs
The V
IN+ and the VIN− inputs of the ADC12DL080 consist of
an analog switch followed by a switched-capacitor amplifier.
As the internal sampling switch opens and closes, current
pulses occur at the analog input pins, resulting in voltage
spikes at the signal input pins. As the driving source attempts
to counteract these voltage spikes, it may add noise to the
signal at the ADC analog input. To help isolate the pulses at
the ADC input from the amplifier output, use RCs at the
inputs, as can be seen in Figure 4 and Figure 5. These
components should be placed close to the ADC inputs be-
cause the input pins of the ADC is the most sensitive part of
the system and this is the last opportunity to filter that input.
For Nyquist applications the RC pole should be at the ADC
sample rate. The ADC input capacitance in the sample mode
should be considered when setting the RC pole. For wide-
band undersampling applications, the RC pole should be set
at about 1.5 to 2 times the maximum input frequency to
maintain a linear delay response. The values of the RC
shown in Figure 4 and Figure 5 are suitable for applications
with input frequencies up to approximately 70MHz.
1.3.3 Input Common Mode Voltage
The input common mode voltage, V
CM, should be in the
range of 1.0V to 2.0V and be a value such that the peak
excursions of the analog signal does not go more negative
than ground or more positive than 2.6V. See Section 1.2
2.0 DIGITAL INPUTS
Digital TTL/CMOS compatible inputs consist of CLK,
REFSEL/DCS, OF/DOEN, OEA/OF, OEB/DRDY. The OEB/
DRDY pin may also be configured as the DRDY output.
2.1 CLK
The CLK signal controls the timing of the sampling process.
Drive the clock input with a stable, low jitter clock signal in
the range of 10 MHz to 80 MHz. The higher the input
frequency, the more critical it is to have a low jitter clock. The
trace carrying the clock signal should be as short as possible
and should not cross any other signal line, analog or digital,
not even at 90˚.
The CLK signal also drives an internal state machine. If the
CLK is interrupted, or its frequency too low, the charge on
internal capacitors can dissipate to the point where the ac-
curacy of the output data will degrade. This is what limits the
lowest sample rate.
The clock line should be terminated at its source in the
characteristic impedance of that line. Take care to maintain a
constant clock line impedance throughout the length of the
line. Refer to Application Note AN-905 for information on
setting characteristic impedance.
It is highly desirable that the the source driving the ADC CLK
pin only drive that pin. However, if that source is used to
drive other things, each driven pin should be a.c. terminated
20169412
FIGURE 3. Angular Errors Between the Two Input
Signals Will Reduce the Output Level or Cause
Distortion
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com