Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080EVAL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12DL080EVAL
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080EVAL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12DL080EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ADC12DL080
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
General Description
The ADC12DL080 is a dual, low power monolithic CMOS
analog-to-digital converter capable of converting analog in-
put signals into 12-bit digital words at 80 Megasamples per
second (MSPS). This converter uses a differential, pipeline
architecture with digital error correction and an on-chip
sample-and-hold circuit to minimize power consumption
while providing excellent dynamic performance and a 600
MHz Full Power Bandwidth. Operating on a single +3.3V
power supply, the ADC12DL080 achieves 11.0 effective bits
at Nyquist and consumes just 447mW at 80 MSPS. The
Power Down feature reduces power consumption to 50 mW.
The differential inputs provide a full scale differential input
swing equal to 2 times V
REF with the possibility of a single-
ended input. Full use of the differential input is recom-
mended for optimum performance. Duty cycle stabilization
and output data format are selectable. The output data can
be set for offset binary or two’s complement.
To ease interfacing to lower voltage systems, the digital
output driver power pins of the ADC12DL080 can be con-
nected to a separate supply voltage in the range of 2.4V to
the analog supply voltage. This device is available in the
64-lead TQFP package and will operate over the industrial
temperature range of −40˚C to +85˚C. An evaluation board is
available to ease the evaluation process.
Features
n
Single +3.3V supply operation
n
Internal sample-and-hold
n
Internal or External reference
n
Outputs 2.4V to 3.6V compatible
n
Power down mode
n
Duty Cycle Stabilizer
n
Pin compatible with ADC12DL040, ADC12DL065,
ADC12DL066
Key Specifications
n
Resolution
12 Bits
n
Max Conversion Rate
80 MSPS
n
DNL
±0.4 LSB (typ)
n
SNR (f
IN=40MHz)
69 dB (typ)
n
SNR (f
IN=200MHz)
67 dB (typ)
n
SFDR (f
IN=40MHz)
82 dB (typ)
n
SFDR (f
IN=200MHz)
81 dB (typ)
n
Power Consumption
— Operating
447 mW (typ)
— Power Down Mode
50 mW (typ)
Applications
n
Instrumentation
n
Communications Receivers
n
Sonar/Radar
n
xDSL, Cable Modems
Connection Diagram
20169401
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
February 2006
© 2006 National Semiconductor Corporation
DS201694
www.national.com


Similar Part No. - ADC12DL080EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
ADC12DL080 TI1-ADC12DL080 Datasheet
819Kb / 35P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
ADC12DL080 TI1-ADC12DL080 Datasheet
831Kb / 34P
A/D Converter for IF Sampling
ADC12DL080 TI2-ADC12DL080 Datasheet
895Kb / 34P
ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
REVISED APRIL 2013
ADC12DL080 TI2-ADC12DL080 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results

Similar Description - ADC12DL080EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD10226 AD-AD10226 Datasheet
976Kb / 20P
Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV.0
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com