Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080EVAL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12DL080EVAL
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080EVAL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC12DL080EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 13Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 14Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 15Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 16Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 17Page - National Semiconductor (TI) ADC12DL080EVAL Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Typical Performance Characteristics Unless otherwise specified, the following specifications apply
for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR = +2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN =
40 MHz, C
L = 10 pF/pin, Duty Cycle Stabilizer On. Units for SNR and SINAD are dBFS. Units for SFDR and Distortion are
dBc. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C
SNR, SINAD, SFDR vs. V
A
Distortion vs. V
A
20169449
20169456
SNR,SINAD,SFDR vs. V
DR,VA =VD = 3.6V
Distortion vs. V
DR,VA =VD = 3.6V
20169450
20169457
SNR, SINAD, SFDR vs. V
CM
Distortion vs. V
CM
20169451
20169458
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com