Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA577N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA577N
Description  Unity gain level programmable low power compandor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA577N Datasheet(HTML) 1 Page - NXP Semiconductors

  SA577N Datasheet HTML 1Page - NXP Semiconductors SA577N Datasheet HTML 2Page - NXP Semiconductors SA577N Datasheet HTML 3Page - NXP Semiconductors SA577N Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors RF Communications Products
Product specification
NE/SA577
Unity gain level programmable low power compandor
2
December 15, 1993
853-1535 11649
DESCRIPTION
The NE/SA577 is a unity gain level
programmable compandor designed for low
power applications. The NE577 is internally
configured as an expandor and a compressor
to minimize external component count.
The NE577 is available in a 14-pin plastic
DIP and SO packages.
FEATURES
• Operating voltage range: 1.8V to 7V
• Low power consumption
(1.4mA @ 3.6V)
• 0dB level programmable
(10mVRMS to 1.0VRMS)
• Over 90dB of dynamic range
• Wide input/output swing capability
(rail-to-rail)
• Low external component count
• SA577 meets cellular radio specifications
• ESD hardened
APPLICATIONS
• High performance portable
communications
• Cellular radio
• Cordless telephone
• Consumer audio
• Wireless microphones
• Modems
• Electric organs
• Hearing aids
• Automatic level control (ALC)
PIN CONFIGURATION
GCELL-
IN
RECTIN
EXP-
CAP
EXPOUT
VREF
GND
VCC
COMPCAP2
COMPIN
COMPCAP1
RECTIN
GCELLIN
COMPOUT
IREF
D and N Packages
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE577N
0405B
14-Pin Plastic Small Outline (SO)
0 to +70
°C
NE577D
0175D
14-Pin Plastic Dual In-Line Package (DIP)
–40 to +85
°C
SA577N
0405B
14-Pin Plastic Small Outline (SO)
–40 to +85
°C
SA577D
0175D
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
NE577
SA577
VCC
Supply voltage
8
8
V
TA
Operating ambient temperature range
0 to +70
–40 to +85
°C
TSTG
Storage temperature range
–65 to +150
–65 to +150
°C
θJA
Thermal impedance
DIP
SO
90
125
90
125
°C/W
°C/W


Similar Part No. - SA577N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
SA5775 PHILIPS-SA5775 Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
SA5775A PHILIPS-SA5775A Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
SA5775AD PHILIPS-SA5775AD Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
SA5775AN PHILIPS-SA5775AN Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
More results

Similar Description - SA577N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
Low power compandor
1997 Aug 14
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
SA578 PHILIPS-SA578 Datasheet
63Kb / 7P
Unity gain level programmable low power compandor
1997 Nov 07
NE572 PHILIPS-NE572 Datasheet
125Kb / 8P
Programmable analog compandor
October 7, 1987
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
Low Power Compandor
December 1993
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
Unity-Gain Stable
03/25/14
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
Unity-Gain Stable
03/25/14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com