Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M320DP Datasheet(PDF) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M320DP
Description  LEARNING DECODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M320DP Datasheet(HTML) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

  M320DP Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M320DP Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M320DP Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M320DP Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M320DP Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/
5
2008-09-02
LEARNING DECODER
EN/DECODER
M320D
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
ABSOLUTE MAXIMUM RATING
(TA=25℃)
Parameter
Rating
Unit
Supply Voltage
-0.3 to 6.0
V
Input Voltage
-0.3~V
DD +0.3
V
Operating Temperature
-20 to 75
℃
Storage Temperature
-40 to 125
℃
ELECTRICAL CHARACTERISTICS
Characteristics
Sym.
Min.
Typ.
Max.
Unit
Conditions
Operating Voltage
V
DD
2.4
4.5
5.5
V
Operating Current
I
OP
─
0.46
1
mA
No load
Output Drive Current
I
O
─
23.5
─
mA
@V
DS=1.2V
V
IH
V
DD –0.3
V
DD
V
DD
Input Voltage
V
IL
V
SS
V
SS
V
SS +0.3
V
Oscillator Frequency
Fosc
─
1.1
─
MHz
External±10%,Rosc=22KΩ,Cosc=20PF
PIN DESCRIPTION
No.
Pin name. I/O
Description
1
SK
O
Serial clock output for EEPROM (connected to SK pin of EEPROM)
2DATA
I/O
Input data from EEPROM or output the received data to the EEPROM.
(Connected to DO and DI) pin of EEPROM
3
RES
I
Input for resetting the chip, active low.
4
VSS
Negative power supply (GND)
5~8
D0~D3
O
Output data pin, active high
9
VT
O
Valid receiving indication, active high
10
LED
O
The LED current for learning status indication.
11
LRN
I
To set the chip into the learning mode, or to erase EEPROM data, active low.
12
LM
I
When the LH pin disconnected, the data output is of the latch type.
When the LH pin connected to VSS, the data output is of the momentary type.
13
VDD
Positive power supply.
14
OSCI
I
Oscillator input pin,
It connects to an external oscillator resistor and capacitor.
15
DIN
I
Serial information input pin from an RF or an IR receiver
16
CS
O
EEPROM chip selection signal output (connected to CS pin of EEPROM)
M320DP
116
89
SK
DATA
VSS
D0
D1
D2
D3
CS
DIN
OSCI
VDD
LM
LED
VT
RES
LRN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com