Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M320DP Datasheet (PDF) - MOSDESIGN SEMICONDUCTOR CORP

M320DP Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP
Part # M320DP
Download  M320DP Download
File Size   129.65 Kbytes
Page   5 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description LEARNING DECODER

M320DP Datasheet (PDF)

Go To PDF Page Download Datasheet
M320DP Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP

Part # M320DP
Download  M320DP Click to download

File Size   129.65 Kbytes
Page   5 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description LEARNING DECODER

M320DP Datasheet (HTML) - MOSDESIGN SEMICONDUCTOR CORP


M320DP Product details

GENERAL DESCRIPTION
The M320D learning decoder is CMOS LSI for remote control system application. It decoder the encoded waveform generated by
M320EA/M320EB and drives data output pin(s) according to the code bits decoded from the received waveform. Up to 1,048,576
address codes that Interface with EEPROM (93LC46) can be stored 32 sets of customer codes at maximum.
FEATURES
‧ Operating voltage 2.4V~5.5V.
‧ Pairs with M320EA/M320EB OTP encoders.
‧ Maximum 1,048,576 address and data code.
‧ 4 Data active: D0, D1, D2, D3.
‧ VT goes high during valid receiving.
‧ Selectable latch or momentary type of data output.
‧ An external oscillator resistor and capacitor.
‧ Interface with EEPROM (93LC46) can be stored 32 sets of customer codes at maximum.
‧ Learning capability and the LED current for learning status indication.
APPLICATIONS
‧ Burglar alarm system, car door controllers, car alarm system, home/office security system…etc.




Similar Part No. - M320DP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M320 MTRONPTI-M320 Datasheet
698Kb / 7P
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
logo
TE Connectivity Ltd
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200 Datasheet
392Kb / 10P
Pressure Transducer
logo
List of Unclassifed Man...
M3200 ETC-M3200 Datasheet
295Kb / 1P
Heyco짰-Tite Liquid Tight Cordgrips
More results


Similar Description - M320DP

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P12 HOLTEK-HT6P12 Datasheet
423Kb / 17P
Learning Car Alarm Decoder
2nd Oct 97
logo
Maxim Integrated Produc...
ZLF645 MAXIM-ZLF645 Datasheet
1Mb / 201P
Flash MCUs with Learning Amplification
Rev 0; 4/09
ZLR64400 MAXIM-ZLR64400 Datasheet
1Mb / 144P
ROM MCU with Learning Amplification
Rev 0; 5/09
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
Learning RF Encoder
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
Learning RF Encoder
November 10, 2014
logo
Advanced Micro Devices
MI50 AMD-MI50 Datasheet
137Kb / 2P
Optimized Deep Learning Operations
logo
Analog Devices
ADALM-PLUTO AD-ADALM-PLUTO Datasheet
438Kb / 2P
SDR Active Learning Module
ADALM1000 AD-ADALM1000 Datasheet
898Kb / 2P
ADALM1000 Active Learning Module
ADALM2000 AD-ADALM2000 Datasheet
547Kb / 2P
ADALM2000 ACTIVE LEARNING MODULE
logo
SparkFun Electronics
KIT-11470 SPARKFUN-KIT-11470 Datasheet
214Kb / 2P
Qtechknow ArduSensor Learning Kit
8/5/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com