Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M320DP Datasheet(PDF) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M320DP
Description  LEARNING DECODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M320DP Datasheet(HTML) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

  M320DP Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M320DP Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M320DP Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M320DP Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M320DP Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/
5
2008-09-02
LEARNING DECODER
EN/DECODER
M320D
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FUNCTIONAL DESCRIPTION
The M320D is a lining decoder for remote control system application. It can interface with EEPROM(93LC46),and store 32 sets
of customer codes at maximum.M320D received waveform from its DIN pin and then decodes it. It contains 20 Address Bit, 4
Data Bit, followed by a Sync Bit.
CODE WORD
The transmission word of the M320EA/M320EB that composes of 20 Address Bit, 4 Data Bit, Sync Bit.
VALID TRANSMISSION
When M320D receives transmission code words, it first checks whether this is a valid transmission. A valid transmission must be a
complete code word, and the address bits must match the address setting in the EEPROM. After two consecutive valid
transmissions, M320D drives data pins (D0~D3) according to the data bits received, and raises VT to high voltage.
The timing is show in the following diagram.
3 WORDS
DIN
VT
LATCHED
(D0 ~ D3)
MOMENTARY
(D0 ~ D3)
3 WORDS
2 WORDS
2 WORDS
4CK
12CK
4CK
12CK
DEFINITE:1CK= 8 OSC CLKS WIDTH
“1”
“0”
Address Code
Key Code
M320EA-2
SYNC
96CK
320CK
A0~A19
D0 D1 D2 D3
64CK
M320EA-1
M320EB
1
1
32CK
Address Code
Key Code
SYNC
128CK
4CK
320CK
A0~A19
D0 D1 D2 D3
64CK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com