Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5825 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CS5825
Description  28:4 LVDS Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5825 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CS5825 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CS5825
Century Semiconductor Inc.
page 10 of 13
PARAMETER MEASUREMENT INFORMATION
Figure-8 Receiver Input Skew Margin, Setup/Hold Time, and Delay Time Definitions
and An
td
tc
4/7 tc ± t(RSKM)
(see Note A)
tsu1
th1
3/7 tc ± t(RSKM)
(see Note A)
An
CLKIN
7 x CLK
CLKOUT
(Internal)
tW
tW
VOH
1.4V
≈ 300mV
20%
VOL
td
tr < 1ns
80%
CLKIN
or An
0V
≈ -300mV
NOTE A: CLKIN is advanced or delayed with respect to data until errors are observed at the receiver outputs. The
advance or delay is then reduced until there are no data errors observed. The magnitude of the advance or
delay is t(RSKM).
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com