Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5825 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS5825
Description  28:4 LVDS Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5825 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS5825 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
28:4 LVDS Receiver
CS5825
BLOCK DIAGRAM
GENERAL DESCRIPTION
Century Semiconductor Inc.
FEATURES
USA:
1485 Saratoga Ave. #200
San Jose, CA, 95129
Tel: 408-973-8388 Fax: 408-973-9388
Sales@century-semi.com
Sales@century-semi.com.tw
www.century-semi.com
Rev.0.0 May 2001
page 1 of 13
Century Semiconductor, Inc.
Taiwan:
No. 2, Industry East Rd. 3rd,
Science-Based Industrial Park, Hsin-Chu, Taiwan
Tel: 886-3-5784866 Fax: 886-3-5784349
CS5825
CS5825 receives four LVDS data channels and
one LVDS clock channel.
Each data channel is
deserialized into 7-bit parallel data bus for output.
The clock channel is used for frame sync and fed into
an internal PLL that generates the 7X serial clock
used in the deserializer. A digital phase alignment
circuit can generate the sampling clock of the
deserializer front-end. The frame sync clock aligned
to the output 7-bit data is also output for timing
reference.
CS5825 supports open-safe design of LVDS when
the input is not connected to LVDS drivers and the
receiver outputs are forced low. Putting CS5825 into
inhibit mode by a shutdown control (SHTDNN) signal
can lower power consumption.
• Four 7-bit serial data LVDS channels and one
clock LVDS channel.
• Compatible with ANSI TIA/EIA-644 LVDS stan-
dard.
• Wide serial clocking speed ranges from 31MHz to
68MHz.
• Support open-safe LVDS design.
• Fully integrated on-chip PLL and digital phase
alignment provide accurate deserializer operation.
• Support power-down mode.
• 5V/3.3V tolerant data input.
• Single 3.3V supply operation.
• CMOS low power consumption.
• Functional compatible with DS90CF384 and
SN75LVDS86.
• Available in 56-pin TSSOP package.
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
DIN
CLK
PHASE LOCK LOOP
7xCLK
CONTROL LOGIC
D19,D20,D21,D22,
D27,D5,D10,D11,
SHTDNN
CS5825
DIN
CLK
DIN
CLK
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
DIN
CLK
D0,D1,D2,D3,
D4,D6,D7
D8,D9,D12,D13,
D14,D15,D18
D24,D25,D26
D16,D17,D23
BIP
BIM
CIP
CIM
DIP
DIM
CKIP
CKIM
AIP
AIM
AND
PHASE ALIGNER
CLKOUT


Similar Part No. - CS5825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5820 ETC1-CS5820 Datasheet
135Kb / 12P
21:3 LVDS Transmitter
CS5821 ETC1-CS5821 Datasheet
185Kb / 14P
21:3 LVDS Receiver
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
TMDS Receiver
CS5824 ETC1-CS5824 Datasheet
194Kb / 13P
28:4 LVDS Transmitter
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
Dual Pixel LVDS Display Interface (LDI) Transmitter
More results

Similar Description - CS5825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
LVDS SERDES RECEIVER
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
LVDS SERDES RECEIVER
logo
List of Unclassifed Man...
CS5824 ETC1-CS5824 Datasheet
194Kb / 13P
28:4 LVDS Transmitter
CS5828 ETC1-CS5828 Datasheet
194Kb / 13P
28:4 LVDS Transmitter
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
LVDS Receiver/Driver
logo
Texas Instruments
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
LVDS SERDES RECEIVER
SN65LVDS822 TI1-SN65LVDS822 Datasheet
418Kb / 27P
FLATLINK LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
FLATLINK??LVDS RECEIVER
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
4bit LVDS Receiver
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
8/28-BIT LVDS RECEIVER FOR VIDEO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com