Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5825 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CS5825
Description  28:4 LVDS Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5825 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS5825 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CS5825
Century Semiconductor Inc.
page 5 of 13
Recommended Operating Conditions
Timing Requirements
Note: Parameter tc is defined as the mean duration of a minimum of 32000 clock cycles.
Electrical Characteristics over recommended operating conditions (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage
33.3
3.6
V
VIH(SHTDN)
High-level input voltage
2-
-
V
VIL(SHTDN)
Low-level input voltage
--
0.8
V
Receiver input range
0-
2.4
V
TA
Operating free-air temperature
0-
70
°C
Symbol
Parameter
Min
Typ
Max
Unit
tc
Cycle time, input clock*
14.7
tc
32.4
ns
tsu1
Setup time, input
600
-
-
ps
th1
Hold time, input
600
-
-
ps
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIT+
Differential input high threshold voltage
-
-
100
mV
VIT-
Differential input low threshold voltage
-100
-
-
mV
VOH
High-level output voltage
IOH = -4mA
2.4
-
-
V
VOL
Low-level output voltage
IOL = 4mA
-
-
0.4
V
ICC
Quiescent current (average)
Disabled (power down
mode), All inputs open
-280
-
µA
Enabled, AnP = 1V,
AnM = 1.4V, tc = 15.38ns
-58
72
mA
Enabled, CL = 8 pF,
Grayscale pattern,
tc = 15.38ns
-69
-
mA
Enabled, CL = 8 pF,
Grayscale pattern,
tc = 15.38ns
-94
-
mA
IIH
High-level input current (SHTDN)
VIH = VCC
--
±20
µA
IIL
Low-level input current (SHTDN)
VIL = 0
-
-
±20
µA
II
Input current (LVDS input terminals A
and CLKIN)
0
≤ V
1 ≤ 2.4V
-
-
±10
µA
IOZ
High-impedance output current
VO = 0 or VCC
--
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com