Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLZ Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # CSLZ
Description  TOSHIBA Zener Diode Silicon Epitaxial Planar Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CSLZ Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button CSLZ Datasheet HTML 8Page - Toshiba Semiconductor CSLZ Datasheet HTML 9Page - Toshiba Semiconductor CSLZ Datasheet HTML 10Page - Toshiba Semiconductor CSLZ Datasheet HTML 11Page - Toshiba Semiconductor CSLZ Datasheet HTML 12Page - Toshiba Semiconductor CSLZ Datasheet HTML 13Page - Toshiba Semiconductor CSLZ Datasheet HTML 14Page - Toshiba Semiconductor CSLZ Datasheet HTML 15Page - Toshiba Semiconductor CSLZ Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CSLZ Series
2022-05-24
Rev.1.0
© 2022
Toshiba Electronic Devices & Storage Corporation
13
CSLZ24V Characteristics Curves (Note 1)
ITLP - VTLP
VC – IPP (Note 2)
Clamp Waveform
+8 kV
(Note 3)
Clamp Waveform
-8 kV
(Note 3)
(Note 2) Peak Pulse Current (VC - IPP)
(Note 3) Clamp waveform measurement circuit
Based on IEC61000-4-5 8/20
μs pulse.
Based on IEC61000-4-2 (Contact)
Note 1: The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com