Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLZ Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CSLZ
Description  TOSHIBA Zener Diode Silicon Epitaxial Planar Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CSLZ Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CSLZ Datasheet HTML 1Page - Toshiba Semiconductor CSLZ Datasheet HTML 2Page - Toshiba Semiconductor CSLZ Datasheet HTML 3Page - Toshiba Semiconductor CSLZ Datasheet HTML 4Page - Toshiba Semiconductor CSLZ Datasheet HTML 5Page - Toshiba Semiconductor CSLZ Datasheet HTML 6Page - Toshiba Semiconductor CSLZ Datasheet HTML 7Page - Toshiba Semiconductor CSLZ Datasheet HTML 8Page - Toshiba Semiconductor CSLZ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CSLZ Series
2022-05-24
Rev.1.0
© 2022
Toshiba Electronic Devices & Storage Corporation
2
Electrical Characteristics (Unless otherwise specified, Ta = 25 ºC)
*1: TLP parameters: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns,
extraction of dynamic resistance using least squares fit of TLP characteristics between ITLP1 = 8 A and ITLP2 = 16 A.
*2:
ITLP = 8 A
*3:
VR = 0 V, f = 1 MHz
Marking List
Marking (CSLZ5V6)
Type No.
Marking
Type No.
Marking
CSLZ5V6
CSLZ12V
CSLZ6V2
CSLZ16V
CSLZ6V8
CSLZ20V
CSLZ8V2
CSLZ24V
CSLZ10V
CSLZ30V
Land Pattern Dimensions (for reference only) (Unit: mm)
Type No.
Zener Voltage
Dynamic Impedance
Dynamic
resistance
Clamp
voltage
Total
capacitance
Reverse Current
VZ (V)
Test Current
IZ (mA)
ZZ (Ω)
Test Current
IZ (mA)
RDYN (Ω) *1
VC (V) *1*2
Ct (pF) *3
IR (μA)
Test Voltage
VR (V)
Min
Typ.
Max
Max
Typ.
Typ.
Typ.
Max
CSLZ5V6
5.3
5.6
6.0
5
30
5
0.25
9
35
1.0
3.5
CSLZ6V2
5.8
6.2
6.6
5
30
5
0.38
10.5
30
2.5
5.0
CSLZ6V8
6.4
6.8
7.2
5
30
5
0.5
14.5
25
0.5
5.0
CSLZ8V2
7.7
8.2
8.7
5
30
5
0.62
17
18
0.5
6.5
CSLZ10V
9.4
10
10.6
5
30
5
0.5
18
16
0.5
8.0
CSLZ12V
11.4
12
12.6
5
30
5
1.5
28
13
0.5
9
CSLZ16V
15.3
16
17.1
5
35
5
1.7
30
10.5
0.5
12
CSLZ20V
18.8
20
21.2
5
50
5
2.5
30
9.5
0.5
15
CSLZ24V
22.8
24
25.6
5
70
5
1.5
34
8.5
0.5
19
CSLZ30V
28
30
31.5
2
150
2
4
51
7.5
0.5
23
1
2
Pin1 Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com