Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP352F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP352F
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP352F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP352F Datasheet HTML 1Page - Toshiba Semiconductor TLP352F Datasheet HTML 2Page - Toshiba Semiconductor TLP352F Datasheet HTML 3Page - Toshiba Semiconductor TLP352F Datasheet HTML 4Page - Toshiba Semiconductor TLP352F Datasheet HTML 5Page - Toshiba Semiconductor TLP352F Datasheet HTML 6Page - Toshiba Semiconductor TLP352F Datasheet HTML 7Page - Toshiba Semiconductor TLP352F Datasheet HTML 8Page - Toshiba Semiconductor TLP352F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLP352,TLP352F
3
6.
6.
6.
6. Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Note:
A 0.1-µF bypass capacitor must be connected between pin 8 and pin 5.
7.
7.
7.
7. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
7.1.
7.1.
7.1.
7.1. Truth Table
Truth Table
Truth Table
Truth Table
Input
H
L
LED
ON
OFF
M1
ON
OFF
M2
OFF
ON
Output
H
L
7.2.
7.2.
7.2.
7.2. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm Pitch
TLP352
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP352F
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2016-09-27
Rev.7.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com