Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP352F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP352F
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP352F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP352F Datasheet HTML 1Page - Toshiba Semiconductor TLP352F Datasheet HTML 2Page - Toshiba Semiconductor TLP352F Datasheet HTML 3Page - Toshiba Semiconductor TLP352F Datasheet HTML 4Page - Toshiba Semiconductor TLP352F Datasheet HTML 5Page - Toshiba Semiconductor TLP352F Datasheet HTML 6Page - Toshiba Semiconductor TLP352F Datasheet HTML 7Page - Toshiba Semiconductor TLP352F Datasheet HTML 8Page - Toshiba Semiconductor TLP352F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TLP352,TLP352F
4
8.
8.
8.
8. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Peak transient input forward
current
Peak transient input forward
current derating
Input reverse voltage
Input power dissipation
Input power dissipation
derating
Peak high-level output current
Peak low-level output current
Output voltage
Supply voltage
Output power dissipation
Output power dissipation
derating
Operating temperature
Storage temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 116 )
(Ta ≥ 110 )
(Ta ≥ 110 )
(Ta = -40 to 125 )
(Ta = -40 to 125 )
(Ta ≥ 110 )
(10 s)
AC, 60 s, R.H. ≤ 60 %
Symbol
IF
∆IF/∆Ta
IFPT
∆IFPT/∆Ta
VR
PD
∆PD/∆Ta
IOPH
IOPL
VO
VCC
PO
∆PO/∆Ta
Topr
Tstg
Tsol
BVS
Note
(Note 1)
(Note 2)
(Note 2)
(Note 3)
(Note 4)
Rating
20
-0.6
1
-25
5
40
-1.0
-2.5
+2.5
35
35
260
-6.5
-40 to 125
-55 to 150
260
3750
Unit
mA
mA/
A
mA/
V
mW
mW/
A
V
mW
mW/
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width (PW) ≤ 1 µs, 300 pps
Note 2: Exponential waveform. Pulse width ≤ 0.3 µs, f ≤ 15 kHz
Note 3: ≥ 2 mm below seating plane.
Note 4: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2016-09-27
Rev.7.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com