Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP352F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP352F
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP352F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP352F Datasheet HTML 2Page - Toshiba Semiconductor TLP352F Datasheet HTML 3Page - Toshiba Semiconductor TLP352F Datasheet HTML 4Page - Toshiba Semiconductor TLP352F Datasheet HTML 5Page - Toshiba Semiconductor TLP352F Datasheet HTML 6Page - Toshiba Semiconductor TLP352F Datasheet HTML 7Page - Toshiba Semiconductor TLP352F Datasheet HTML 8Page - Toshiba Semiconductor TLP352F Datasheet HTML 9Page - Toshiba Semiconductor TLP352F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLP352,TLP352F
6
11.
11.
11.
11. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
3750
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Ω
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
12.
12.
12.
12. Switching Characteristics (Note) (Unless otherwise specified, T
Switching Characteristics (Note) (Unless otherwise specified, T
Switching Characteristics (Note) (Unless otherwise specified, T
Switching Characteristics (Note) (Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
))))
Characteristics
Propagation delay time
(L/H)
Propagation delay time
(H/L)
Rise time
Fall time
Pulse width distortion
Propagation delay skew
(device to device)
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpLH
tpHL
tr
tf
|tpHL-tpLH|
tpsk
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1),
(Note 2)
(Note 3)
(Note 4)
Test
Circuit
Fig.
13.1.7
Fig.
13.1.8
Test Condition
IF = 0 → 5 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 5 → 0 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 0 → 5 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 5 → 0 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 0 ←→ 5 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 0 ←→ 5 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
VCM = 1000 Vp-p, IF = 5 mA,
VCC = 30 V, Ta = 25 ,
VO(min) = 26 V
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 30 V, Ta = 25 ,
VO(max) = 1 V
Min
50
50
-80
±20
±20
Typ.
130
130
15
8
±25
±25
Max
200
200
50
80
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25 .
Note 1: Input signal (f = 25 kHz, duty = 50 %, tr = tf = 5 ns or less).
CL is approximately 15 pF which includes probe and stray wiring capacitance.
Note 2: The propagation delay skew, tpsk, is equal to the magnitude of the worst-case difference in tpHL and/or tpLH
that will be seen between units at the same given conditions (supply voltage, input current, temperature, etc).
Note 3: CMH is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in
the logic high state (VO > 26 V).
Note 4: CML is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage
in the logic low state (VO < 1 V).
2016-09-27
Rev.7.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com