Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893MQL Datasheet(PDF) 21 Page - Microchip Technology

Part # KSZ8893MQL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893MQL Datasheet(HTML) 21 Page - Microchip Technology

Back Button KSZ8893MQL Datasheet HTML 17Page - Microchip Technology KSZ8893MQL Datasheet HTML 18Page - Microchip Technology KSZ8893MQL Datasheet HTML 19Page - Microchip Technology KSZ8893MQL Datasheet HTML 20Page - Microchip Technology KSZ8893MQL Datasheet HTML 21Page - Microchip Technology KSZ8893MQL Datasheet HTML 22Page - Microchip Technology KSZ8893MQL Datasheet HTML 23Page - Microchip Technology KSZ8893MQL Datasheet HTML 24Page - Microchip Technology KSZ8893MQL Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
 2019 Microchip Technology Inc.
DS00002897A-page 21
KSZ8893MQL/MBL
3.0
FUNCTIONAL DESCRIPTION
The KSZ8893MQL/MBL devices contain two 10/100 physical layer transceivers and three MAC units with an integrated
Layer 2 managed switch.
The KSZ8893MQL/MBL has the flexibility to reside in either a managed or unmanaged design. In a managed design,
the host processor has complete control of the KSZ8893MQL/MBL via the SMI interface, MIIM interface, SPI bus or I2C
bus. An unmanaged design is achieved through I/O strapping and/or EEPROM programming at system Reset time.
On the media side, the KSZ8893MQL/MBL supports IEEE 802.3 10BASE-T and 100BASE-TX on both PHY ports, and
also 100BASE-FX on PHY Port 1, which allows the KSZ8893MQL/MBL to be used as a media converter.
Physical signal transmission and reception are enhanced through the use of patented analog circuitries that make the
design more efficient, and allow for lower power consumption and smaller chip die size.
3.1
Physical Layer Transceiver
3.1.1
100BASE-TX TRANSMIT
The 100BASE-TX transmit function performs parallel-to-serial conversion, 4B/5B coding, scrambling, NRZ-to-NRZI
conversion, and MLT3 encoding and transmission.
The circuitry starts with a parallel-to-serial conversion, which converts the MII data from the MAC into a 125 MHz serial
bit stream. The data and control stream is then converted into 4B/5B coding, followed by a scrambler. The serialized
data is further converted from NRZ-to-NRZI format, and then transmitted in MLT3 current output. The output current is
set by an external 1%, 3.01 k
 resistor for the 1:1 transformer ratio.
The output signal has a typical rise/fall time of 4 ns and complies with the ANSI TP-PMD Standard regarding amplitude
balance, overshoot and timing jitter. The wave shaped 10BASE-T output is also incorporated into the 100BASE-TX
transmitter.
3.1.2
100BASE-TX RECEIVE
The 100BASE-TX receiver function performs adaptive equalization, DC restoration, MLT3-to-NRZI conversion, data and
clock recovery, NRZI-to-NRZ conversion, descrambling, 4B/5B decoding and serial-to-parallel conversion.
The receiving side starts with the equalization filter to compensate for Inter-Symbol Interference (ISI) over the twisted pair
cable. Because the amplitude loss and phase distortion is a function of the cable length, the equalizer must adjust its char-
acteristics to optimize performance. In this design, the variable equalizer makes an initial estimation based on comparisons
of incoming signal strength against some known cable characteristics, and then tunes itself for optimization. This is an
ongoing process and self-adjusts against environmental changes, such as temperature variations.
Next, the equalized signal goes through a DC restoration and data conversion block. The DC restoration circuit is used
to compensate for the effect of baseline wander and to improve the dynamic range. The differential data conversion
circuit converts the MLT3 format back to NRZI. The slicing threshold is also adaptive.
The clock recovery circuit extracts the 125 MHz clock from the edges of the NRZI signal. This recovered clock is then
used to convert the NRZI signal into the NRZ format. This signal is sent through the descrambler, followed by the
4B/5B decoder. Finally, the NRZ serial data is converted to the MII format and provided as the input data to the MAC.
3.1.3
PLL CLOCK SYNTHESIZER
The KSZ8893MQL/MBL generates 125 MHz, 31.25 MHz, 25 MHz, and 10 MHz clocks for system timing. Internal clocks
are generated from an external 25 MHz crystal or oscillator. In RMII mode, these internal clocks are generated from an
external 50 MHz oscillator or system clock.
3.1.4
SCRAMBLER/DESCRAMBLER (100BASE-TX ONLY)
The purpose of the scrambler is to spread the power spectrum of the signal to reduce Electromagnetic Interference
(EMI) and baseline wander. Transmitted data is scrambled through the use of an 11-bit wide Linear Feedback Shift reg-
ister (LFSR). The scrambler generates a 2047-bit non-repetitive sequence and the receiver then descrambles the
incoming data stream using the same sequence as at the transmitter.
3.1.5
100BASE-FX OPERATION
100BASE-FX operation is similar to 100BASE-TX operation with the differences being that the scrambler/descrambler
and MLT3 encoder/decoder are bypassed on transmission and reception. In addition, auto-negotiation is bypassed and
Auto MDI/MDI-X is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com