Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893MQL Datasheet(PDF) 78 Page - Microchip Technology

Part # KSZ8893MQL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893MQL Datasheet(HTML) 78 Page - Microchip Technology

Back Button KSZ8893MQL Datasheet HTML 74Page - Microchip Technology KSZ8893MQL Datasheet HTML 75Page - Microchip Technology KSZ8893MQL Datasheet HTML 76Page - Microchip Technology KSZ8893MQL Datasheet HTML 77Page - Microchip Technology KSZ8893MQL Datasheet HTML 78Page - Microchip Technology KSZ8893MQL Datasheet HTML 79Page - Microchip Technology KSZ8893MQL Datasheet HTML 80Page - Microchip Technology KSZ8893MQL Datasheet HTML 81Page - Microchip Technology KSZ8893MQL Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 108 page
background image
KSZ8893MQL/MBL
DS00002897A-page 78
 2019 Microchip Technology Inc.
4.4.6
DIGITAL TESTING REGISTERS
Reserved Registers 132 to 141 are used by Microchip for internal testing only. Do not change the values of these registers.
TABLE 4-12:
DIGITAL TESTING REGISTERS (REGISTERS 132-141)
Bit
Name
R/W
Description
Default
Register 132 (0x84): Digital Testing Status 0
7-3
Reserved
RO
Factory testing.
00000
2-0
Om_split Status
RO
Factory testing.
000
Register 133 (0x85): Digital Testing Control 0
7-0
Reserved
R/W
Factory testing (Dbg[7:0]).
0x3F
Register 134 (0x86): Analog Testing Control 0
7-0
Reserved
R/W
Factory testing (dgt_actl0).
0x00
Register 135 (0x87): Analog Testing Control 1
7-0
Reserved
R/W
Factory testing (dgt_actl1).
0x00
Register 136 (0x88): Analog Testing Control 2
7-0
Reserved
R/W
Factory testing (dgt_actl2).
0x00
Register 137 (0x89): Analog Testing Control 3
7-0
Reserved
R/W
Factory testing (dgt_actl3).
0x00
Register 138 (0x8A): Analog Testing Status
7-0
Reserved
R/W
Factory testing.
0x00
Register 139 (0x8B): Analog Testing Control 4
7-0
Reserved
R/W
Factory testing (dgt_actl4).
0x40
Register 140 (0x8C): QM Debug 1
7-0
Reserved
RO
Factory testing (QM_Debug bits[7:0]).
0x00
Register 141 (0x8D): QM Debug 2
7-1
Reserved
RO
Reserved. Do not change the default values.
0000_000
0
Reserved
RO
Factory testing (QM_Debug bit[8]).
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com