Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V87-E/MS Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP6V87-E/MS
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V87-E/MS Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP6V87-E/MS Datasheet HTML 30Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 31Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 32Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 33Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 34Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 35Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 36Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 37Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
MCP6V86/6U/7/9
DS20006398A-page 34
 2020 Microchip Technology Inc.
0.15 C D
2X
NOTE 1
12
N
TOP VIEW
SIDE VIEW
Microchip Technology Drawing C04-091-OT Rev F Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
0.20 C
C
SEATING PLANE
A
A2
A1
e
NX b
B
0.20
C A-B D
e1
D
E1
E1/2
E/2
E
D
A
0.20 C 2X
(DATUM D)
(DATUM A-B)
A
A
SEE SHEET 2
5-Lead Plastic Small Outline Transistor (OT) [SOT23]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com