Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V87-E/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6V87-E/MS
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V87-E/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP6V87-E/MS Datasheet HTML 1Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 2Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 3Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 4Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 5Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 5
MCP6V86/6U/7/9
TABLE 1-2:
AC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.2V to +5.5V, VSS =GND,
VCM =VDD/3, VOUT =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL = 30 pF (refer to Figures 1-4 and 1-5).
Parameters
Sym.
Min.
Typ. Max.
Units
Conditions
Amplifier AC Response
Gain Bandwidth Product
GBWP
—
5
—
MHz
Slew Rate
SR
—
4
—
V/µs
Phase Margin
PM
—
60
—
°C
G = +1
Amplifier Noise Response
Input Noise Voltage
Eni
—0.1
—
µVP-P f= 0.01 Hz to 1Hz
Eni
—0.28
—
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—13
—
nV/√Hz f < 2 kHz
Input Noise Current Density
ini
—6
—
fA/√Hz
Amplifier Distortion(1)
Intermodulation Distortion (AC)
IMD
—
100
—
µVPK VCM tone = 100 mVPK at 1 kHz,
GN =11, RTI
Amplifier Step Response
Start-up Time
tSTR
—
100
—
µs
G = +1, 0.1% VOUT settling (Note 2)
Offset Correction Settling Time
tSTL
—30
—
µs
G = +1, VIN step of 2V,
VOS within 100 µV of its final value
Output Overdrive Recovery Time
tODR
—
60
—
µs
G = -10, ±0.5V input overdrive to VDD/2,
VIN 50% point to VOUT 90% point (Note 3)
EMI Protection
EMI Rejection Ratio
EMIRR
—
90
—
dB
VIN =0.1 VPK, f = 400 MHz
—100
—
VIN =0.1 VPK, f = 900 MHz
—101
—
VIN =0.1 VPK, f = 1800 MHz
—105
—
VIN =0.1 VPK, f = 2400 MHz
Note 1:
These parameters were characterized using the circuit in Figure 1-6. In Figures 2-36 and 2-37, there is an IMD
tone at DC, a residual tone at 1 kHz, and other IMD tones and clock tones. IMD is Referred to Input (RTI).
2:
High gains behave differently; see Section 4.3.2 “Offset at Power-up”.
3:
tSTL and tODR include some uncertainty due to clock edge timing.
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +2.2V to +5.5V, VSS =GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5-Lead SC70
JA
—209
—
°C/W
Thermal Resistance, 5-Lead SOT-23
JA
—201
—
°C/W
Thermal Resistance, 8-Lead 2x3 TDFN
JA
—53
—
°C/W
Thermal Resistance, 8-Lead MSOP
JA
—211
—
°C/W
Thermal Resistance, 14-Lead TSSOP
JA
—100
—
°C/W
Note 1:
Operation must not cause TJ to exceed Maximum Junction Temperature specification (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com