Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V87-E/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6V87-E/MS
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V87-E/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP6V87-E/MS Datasheet HTML 1Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 2Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 3Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 4Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 5Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 1
MCP6V86/6U/7/9
Features
• High DC Precision:
-VOS Drift: ±150 nV/°C
-VOS: ±25 µV (maximum)
-AOL: 111 dB (minimum, VDD =5.5V)
- PSRR: 110 dB (minimum, VDD =5.5V)
- CMRR: 112 dB (minimum, VDD =5.5V)
-Eni: 0.28 µVP-P (typical), f = 0.1 Hz to 10 Hz
-Eni: 0.1 µVP-P (typical), f = 0.01 Hz to 1 Hz
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 101 dB
• Low Power and Supply Voltages:
-IQ: 0.5 mA/amplifier (typical)
- Wide supply voltage range: 2.2V to 5.5V
• Small Packages:
- Singles in SC70, SOT-23
- Duals in 8-Lead MSOP, 2 x 3 TDFN
- Quads in 14-Lead TSSOP
•Easy to Use:
- Rail-to-rail input/output
- Gain bandwidth product: 5 MHz (typical)
- Unity gain stable
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation
• Sensor Conditioning
• Temperature Measurement
• DC Offset Correction
• Medical Instrumentation
Design Aids
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Parts
• MCP6V16/6U/7/9: Zero-Drift, Low Power
• MCP6V36/6U/7/9: Zero-Drift, Low Power
• MCP6V66/6U/7/9: Zero-Drift, 1 MHz
• MCP6V76/6U/7/9: Zero-Drift, 2 MHz
• MCP6V91/1U/2/4: Zero-Drift, 10 MHz
Description
The Microchip Technology MCP6V86/6U/7/9 family of
operational amplifiers provides input offset voltage cor-
rection for very low offset and offset drift. These
devices have a gain bandwidth product of 5 MHz
(typical). They are unity gain stable, have virtually no
1/f noise and have good Power Supply Rejection Ratio
(PSRR) and Common-Mode Rejection Ratio (CMRR).
These products operate with a single supply voltage,
as low as 2.2V, while drawing 500 µA/amplifier (typical)
of quiescent current.
The MCP6V86/6U/7/9 family has enhanced EMI pro-
tection to minimize any Electromagnetic Interference
from external sources. This feature makes it well-suited
for EMI-sensitive applications, such as power lines,
radio stations and mobile communications, etc.
The MCP6V86/6U/7/9 op amps are offered in single
(MCP6V86 and MCP6V86U), dual (MCP6V87) and
quad (MCP6V89) packages. They were designed
using an advanced CMOS process.
Package Types
VIN+
VSS
VIN-
1
2
3
5
4
VDD
VOUT
MCP6V86
SOT-23
MCP6V86U
SC70, SOT-23
VIN-
VSS
VOUT
1
2
3
5
4
VDD
VIN+
VINA+
VINA-
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB-
VINB+
MCP6V87
MSOP
MCP6V87
2× 3TDFN *
VINA+
VINA-
VSS
VOUTB
VINB-
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
EP
9
VINA+
VINA-
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND-
VIND+
VSS
MCP6V89
TSSOP
VINB-
VINB+
VOUTB
5
6
7
10
9
8
VINC+
VINC-
VOUTC
* Includes Exposed Thermal Pad (EP); see Table 3-1.
5 MHz, 0.5 mA, Zero-Drift Op Amps


Similar Part No. - MCP6V87-E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V81 MICROCHIP-MCP6V81 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
MCP6V82 MICROCHIP-MCP6V82 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
MCP6V84 MICROCHIP-MCP6V84 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
More results

Similar Description - MCP6V87-E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
MCP6V31 MICROCHIP-MCP6V31 Datasheet
3Mb / 40P
23 關A, 300 kHz Zero-Drift Op Amps
11/29/11
logo
3PEAK INC.
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
logo
Texas Instruments
OPA182 TI-OPA182 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
OPA182 TI-OPA182_V01 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
logo
Microchip Technology
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com