Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0107 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0107
Description  3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0107 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0107 Datasheet HTML 1Page - Tyco Electronics MAAPSS0107 Datasheet HTML 2Page - Tyco Electronics MAAPSS0107 Datasheet HTML 3Page - Tyco Electronics MAAPSS0107 Datasheet HTML 4Page - Tyco Electronics MAAPSS0107 Datasheet HTML 5Page - Tyco Electronics MAAPSS0107 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3.6 V, 0.5 W, RF Power Amplifier IC for DECT
1800 - 2000 MHz
MAAPSS0107
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: VDD = +3.6 V, PIN = -2 dBm, Duty Cycle = 100%, TS = 37°C
4,
measured on evaluation board.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
—
MHz
1880
1900
1930
Output Power
1900 MHz
dBm
25.0
26.9
28.0
Power Added Efficiency
1900 MHz
%
—
57
—
Drain Current
1900 MHz
mA
—
228
330
2nd Harmonics
—
dBc
—
-37
-30
3rd Harmonics
—
dBc
—
-38
-34
Input VSWR
—
Ratio
—
1.3:1
2.0:1
Off Isolation
VDD = 0V
dB
—
44
—
Thermal Resistance
Junction to soldering point (TS)
4
°C/W
—
25
—
Load Mismatch
VDD = 4.5 V, VSWR = 5:1, PIN = -2 dBm
No Degradation in Power Output
Stability
PIN = -2 to +2 dBm, VDD = 0 - 5.0 V, Load VSWR = 5:1,
all phases
All non-harmonically related outputs more
than 60 dB below desired signal
4. TS is the temperature measured at the soldering point of the downset paddle on the bottom of the IC.
5. Output power and efficiency have been optimized for input drive levels between -2 and +2 dBm. Stability is only specified within this
range. For operation outside of this range, contact the factory.
Lead-Free MSOP-8-EP†
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com