Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0107 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPSS0107
Description  3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0107 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPSS0107 Datasheet HTML 1Page - Tyco Electronics MAAPSS0107 Datasheet HTML 2Page - Tyco Electronics MAAPSS0107 Datasheet HTML 3Page - Tyco Electronics MAAPSS0107 Datasheet HTML 4Page - Tyco Electronics MAAPSS0107 Datasheet HTML 5Page - Tyco Electronics MAAPSS0107 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3.6 V, 0.5 W, RF Power Amplifier IC for DECT
1800 - 2000 MHz
MAAPSS0107
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
3
RoHS
Compliant
Application Information
Evaluation Board Schematic
Evaluation Board Layout
50Ω Lead Transition
List of Components
Transmission Lines (Grounded Coplanar Waveguide)
C1 = 0.7 pF multilayer ceramic chip capacitor
T1 = 0.140” 50 Ω
C2, C3, C4, C6 = 100 pF multilayer ceramic chip capacitor
T2 = 0.110” 50 Ω
C5 = 2.2 pF multilayer ceramic chip capacitor
T3 = 0.100” 50 Ω
L1 = 2.7 nH chip inductor
T4 = 0.400” 75 Ω
L2 = 3.3 nH chip inductor
T5 = 0.195” 50 Ω
L3 = 27 nH chip inductor
T6 = 0.280” 50 Ω
R1 = 300 Ω chip resistor
T7, T8 = 0.090” 75 Ω
60 mil GETEK board



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com