Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0107 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0107
Description  3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0107 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0107 Datasheet HTML 1Page - Tyco Electronics MAAPSS0107 Datasheet HTML 2Page - Tyco Electronics MAAPSS0107 Datasheet HTML 3Page - Tyco Electronics MAAPSS0107 Datasheet HTML 4Page - Tyco Electronics MAAPSS0107 Datasheet HTML 5Page - Tyco Electronics MAAPSS0107 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3.6 V, 0.5 W, RF Power Amplifier IC for DECT
1800 - 2000 MHz
MAAPSS0107
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• Single Positive Supply
• 57% Power Added Efficiency
• Operation down to 1.2 V
• 100% Duty Cycle
• 1800 - 2000 MHz Operation
• Self-Aligned MSAG ® - Lite MESFET Process
• Lead-Free 8 Pin Full Downset MSOP Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MA02206GJ
Description
M/A-COM’s MAAPSS0107 is a DECT power
amplifier based on M/A-COM’s Self Aligned MSAG
MESFET Process. This product is designed for use
in 3.6 V DECT handsets and base stations.
Ordering Information
Part Number
Package
MAAPSS0107
Bulk Packaging
MAAPSS0107TR-3000
3000 piece reel
MAAPSS0107SMB
Sample Test Board
Pin
Function
Description
1
VD1
Drain voltage, first stage
2
RFIN / VG1
RF input and gate
voltage for first stage
3
GND
Ground
4
VG2
Gate bias voltage,
second stage
5
VG3
Gate bias voltage,
third stage
6
GND
Ground
7
RFOUT / VD3
RF output and drain
voltage for third stage
8
VD2
Drain voltage for
second stage
PIN Configuration 1
Functional Schematic
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
DC Supply Voltage
5.5 V
RF Input Power
10 mW
Junction Temperature
150°C
Storage Temperature Range
-40°C to +150°C
Operating Temperature Range
-40°C to +100°C
Moisture Sensitivity
JEDEC Level 1
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. The exposed pad centered on the package bottom must be
connected to electrical (RF and DC) and thermal ground.
Pin 1
Pin 8
Note: Reference Application Note M513 for reel size
information.


Similar Part No. - MAAPSS0107

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103SMB MACOM-MAAPSS0103SMB Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-1000 MACOM-MAAPSS0103TR-1000 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-3000 MACOM-MAAPSS0103TR-3000 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
High Power Linear Amplifier 3.3 - 3.8 GHz
More results

Similar Description - MAAPSS0107

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL40309 ERICSSON-PBL40309 Datasheet
84Kb / 6P
3.6 V Differential Power Amplifier for DECT Telecommunications system
logo
Tyco Electronics
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
3.3V 0.5W RF Power Amplifier IC for DECT
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
1800-2000 MHz. Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
1800 -2000 MHz. Low Noise Linear Power Amplifier
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
logo
Infineon Technologies A...
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com