Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PR02
Description  Power Metal Film Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Datasheet(HTML) 1 Page - Vishay Siliconix

  PR02 Datasheet HTML 1Page - Vishay Siliconix PR02 Datasheet HTML 2Page - Vishay Siliconix PR02 Datasheet HTML 3Page - Vishay Siliconix PR02 Datasheet HTML 4Page - Vishay Siliconix PR02 Datasheet HTML 5Page - Vishay Siliconix PR02 Datasheet HTML 6Page - Vishay Siliconix PR02 Datasheet HTML 7Page - Vishay Siliconix PR02 Datasheet HTML 8Page - Vishay Siliconix PR02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Document Number: 28729
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 24-Feb-04
1
PR01/02/03
Vishay BCcomponents
Power Metal Film Resistors
FEATURES
• High power in small packages
• Different lead materials for different applications
• Defined interruption behaviour.
APPLICATIONS
• All general purpose power applications
A homogeneous film of metal alloy is deposited on a high
grade ceramic body. After a helical groove has been cut in
the resistive layer, tinned connecting wires of electrolytic
copper or copper-clad iron are welded to the end-caps. The
resistors are coated with a red, nonflammable lacquer which
provides electrical, mechanical and climatic protection. This
coating
is
not
resistant
to
aggressive
fluxes.
The
encapsulation is resistant to all cleaning solvents in
accordance
with
“MIL-STD-202E,
method 215”,
and
“IEC 60068-2-45”.
Notes
1. 1 % tolerance is available for Rn-range from 1R upwards.
2. 2 % tolerance is available on request for Rn-range from 1R upwards.
3. Ohmic values (other than resistance range) are available on request.
TECHNICAL SPECIFICATIONS
DESCRIPTION
VALUE
PR01
PR02
PR03
Cu-lead
FeCu-lead
Cu-lead
FeCu-lead
Resistance range(3)
0.22 Ω to 1 MΩ
0.33 Ω to 1 MΩ
1 Ω to 1 MΩ
0.68 Ω to 1 MΩ
1 Ω to 1 MΩ
Resistance tolerance and series
± 1 % (E24, E96 series); ± 5 % (E24 series); see notes 1 and 2
Maximum dissipation at Tamb = 70 °C:
R < 1 Ω
0.6 W
1.2 W
−
1.6 W
−
1 Ω ≤ R
1 W
2 W
1.3 W
3 W
2.5 W
Thermal resistance (Rth)
135 K/W
75 K/W
115 K/W
60 K/W
75 K/W
Temperature coefficient
≤± 250 × 10−6/K
Maximum permissible voltage
(DC or RMS)
350 V
500 V
750 V
Basic specifications
IEC 60115-1 and 60115-4
Climatic category (IEC 60068)
55/155/56
Stability after:
load
∆R/R max.: ± 5 % + 0.1 Ω
climatic tests
∆R/R max.: ± 3 % + 0.1 Ω
soldering
∆R/R max.: ± 1 % + 0.05 Ω


Similar Part No. - PR02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR02 VISHAY-PR02 Datasheet
193Kb / 20P
Power Metal Film Leaded Resistors
10-Sep-15
PR02 VISHAY-PR02 Datasheet
220Kb / 20P
Power Metal Film Leaded Resistors
11-Jul-2018
PR02 VISHAY-PR02 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
01-Mar-16
PR02 VISHAY-PR02 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
07-Nov-17
PR02 VISHAY-PR02 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
11-Jul-2018
More results

Similar Description - PR02

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MF-S WELWYN-MF-S Datasheet
67Kb / 2P
Power Metal Film Resistors
MO1S WELWYN-MO1S Datasheet
236Kb / 2P
Power Metal Oxide Film Resistors
logo
Riedon Powertron
PMF1 RIEDON-PMF1 Datasheet
291Kb / 1P
Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
Power Metal Film Leaded Resistors
10-Sep-15
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com