Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PR02
Description  Power Metal Film Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Datasheet(HTML) 2 Page - Vishay Siliconix

  PR02 Datasheet HTML 1Page - Vishay Siliconix PR02 Datasheet HTML 2Page - Vishay Siliconix PR02 Datasheet HTML 3Page - Vishay Siliconix PR02 Datasheet HTML 4Page - Vishay Siliconix PR02 Datasheet HTML 5Page - Vishay Siliconix PR02 Datasheet HTML 6Page - Vishay Siliconix PR02 Datasheet HTML 7Page - Vishay Siliconix PR02 Datasheet HTML 8Page - Vishay Siliconix PR02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28729
2
Revision: 24-Feb-04
PR01/02/03
Vishay BCcomponents
Power Metal Film Resistors
Note
1. Other packaging versions are available on request.
Notes
1. PR01 pitch 12.5 mm.
2. PR02 pitch 15.0 mm.
3. PR03 pitch 20.0 mm, with reversed kinking direction as opposed to the drawing for the type with double kink figure.
12NC ORDERING CODE - indicating resistor type and packaging(1). Preferred types in bold
TYPE
LEAD ∅
∅
∅
∅
((((mm)
TOL
(%)
ORDERING CODE 23.. ... ..... (BANDOLIER)
AMMOPACK
REEL
RADIAL TAPED
STRAIGHT LEADS
52 mm
52 mm
63 mm
52 mm
4000
units
3000
units
5000
units
1000
units
500
units
5000
units
PR01
Cu 0.6
1
−−
22 196 1....
06 191 2....
−
06 191 5....
5
06 197 03...
−
22 193 14...
06 197 53...
−
06 197 23...
PR02
Cu 0.8
1
−−
−
22 197 1....
−
06 192 5....
5
−
06 198 03...
−
06 198 53...
−
06 198 23...
FeCu 0.6
5
−−
−
22 194 54...
−−
PR03
Cu 0.8
5
−−
−
−
22 195 14...
−
1
−−
−
−
06 199 6...
−
FeCu 0.6
5
−−
−
−
22 195 54...
−
12NC ORDERING CODE - indicating resistor type and packaging. Preferred types in bold
TYPE
LEAD ∅
∅
∅
∅
((((mm)
TOL
(%)
ORDERING CODE 23.. ... ..... (LOOSE IN BOX)
DOUBLE KINK
PITCH = 17.8 (mm)
PITCH = 25.4 (mm)
PITCH(1)(2)(3)
1000
units
500
units
1000
units
500
units
PR01
Cu 0.6
5
22 193 03...
−−
−
FeCu 0.6
5
22 193 43...
−
22 193 53...(1)
−
PR02
Cu 0.8
5
22 194 23...
−−
−
FeCu 0.6
5
22 194 83...
−−
−
FeCu 0.8
5
−−
22 194 63...(2)
−
PR03
Cu 0.8
5
−
22 195 23...
−−
FeCu 0.6
5
−
22 195 83...
−−
FeCu 0.8
5
−−
−
22 195 63...(3)
ORDERING INFORMATION
Ordering Code (12NC)
The resistors have a 12-digit ordering code starting with 23.
For 5 % tolerance:
• The first 9 digits indicate the resistor type and packaging.
• The remaining 3 digits indicate the resistance value:
– The first 2 digits indicate the resistance value.
– The last digit indicates the resistance decade.
For 1% tolerance:
• The first 8 digits indicate the resistor type and packaging.
• The remaining 4 digits indicate the resistance value:
– The first 3 digits indicate the resistance value.
– The last digit indicates the resistance decade.
Last Digit of 12NC Indicating Resistance Decade
Ordering Example
The ordering code for resistor type PR02 with Cu leads and
a value of 750 Ω with 5 % tolerance, supplied on a bandolier
of 1000 units in ammopack, is: 2306 198 53751.
RESISTANCE DECADE
LAST DIGIT
0.22 to 0.91 Ω
7
1 to 9.76 Ω
8
10 to 97.6 Ω
9
100 to 976 Ω
1
1 to 9.76 kΩ
2
10 to 97.6 kΩ
3
100 to 976 kΩ
4
1 MΩ
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com